Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1621-01 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LXMG1621-01
Description  DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1621-01 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LXMG1621-01 Datasheet HTML 2Page - Microsemi Corporation LXMG1621-01 Datasheet HTML 3Page - Microsemi Corporation LXMG1621-01 Datasheet HTML 4Page - Microsemi Corporation LXMG1621-01 Datasheet HTML 5Page - Microsemi Corporation LXMG1621-01 Datasheet HTML 6Page - Microsemi Corporation LXMG1621-01 Datasheet HTML 7Page - Microsemi Corporation LXMG1621-01 Datasheet HTML 8Page - Microsemi Corporation LXMG1621-01 Datasheet HTML 9Page - Microsemi Corporation LXMG1621-01 Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 2005
Rev. 1.0a, 2006-11-13
RangeMAX
LXMG1621-xx
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
PRODUCTION DATA SHEET
TM
®
WIDER DIMMING APPLICATION
The following application defines techniques capable of
delivering dimming ranges in the 250:1 range. As is widely
understood, these techniques will provide general capabilities
and actual system performance will vary with panel design,
CCFTs, ambient temperature and a number of other variables
outside the control of the inverter. These methods can be used
in conjunction with other techniques such as lamp heating and
matching.
Wide ratio (250:1) dimming can be accomplished using the
Microsemi inverter in two ways:
1. By varying the input voltage on the brightness pin as
indicated in Figure 9.
Caution must be exercised when
applying negative voltage to the brightness control input.
Applying more then –300mV to any inverter input will cause
inverter malfunction (see Absolute Maximum Ratings).
-100mV
0V
2.5V
.070
.14
0.7
7
V
BRT_ADJ(V)
Figure 9 – Average Lamp Current vs. V
BRITE Voltage (per Lamp)
U9
T1
R48
R62
R63
R60
R31
R57
R54
R53
R51
Q11
R89
C37
R61
Q10
Backside of Module
U7
Figure 10 – Locating The Resistor on the LXMG1621-xx
2.
By making a resistor value change on the module.
Remove R61 for maximum dimming range or increase R61
value to desired minimum dim range setting (see figure 10).
Care should be exercised since at a low enough dim setting the
inverter will be unable to detect that the lamp has started and
will initiate lamp strike (kickoff) voltage. This will result in
lamp flicker. For repeatable low light levels the BRITE input
DC supply must be a very clean stable voltage source, at low
dim inputs.
If you plan to completely remove R61 it is recommended that
you ensure that a minimum voltage above zero remain on the
BRITE input to prevent the above flicker problem.
This
minimum voltage may need to be adjusted for each individual
inverter module. If you are using a pot to control the BRITE
input then a separate trim pot on the low side would accomplish
the same goal.
Both methods discussed will provide a lower duty cycle
operation than is necessary in a 100:1 dimming application.
Careful consideration should be made with regard to display
quality at these dimming levels. At very low brightness levels,
even very small amounts of noise on the VBRITE line can cause
flicker on the display, so special care must be given to
grounding, filtering, and shielding the inverter from the digital
logic and clock signals.


Similar Part No. - LXMG1621-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1621-01 MICROSEMI-LXMG1621-01 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results

Similar Description - LXMG1621-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
   Digital Dimming CCFL Inverter Module
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1622-05-XX MICROSEMI-LXM1622-05-XX Datasheet
243Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1614 MICROSEMI-LXM1614 Datasheet
323Kb / 9P
   DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
LXM1614E-14-11 MICROSEMI-LXM1614E-14-11 Datasheet
299Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXMG1614E-14-11 MICROSEMI-LXMG1614E-14-11 Datasheet
341Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXM1615-03-XX MICROSEMI-LXM1615-03-XX Datasheet
122Kb / 5P
   3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com