Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1617-12-42 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LXMG1617-12-42
Description  12V 4W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1617-12-42 Datasheet(HTML) 2 Page - Microsemi Corporation

  LXMG1617-12-42 Datasheet HTML 1Page - Microsemi Corporation LXMG1617-12-42 Datasheet HTML 2Page - Microsemi Corporation LXMG1617-12-42 Datasheet HTML 3Page - Microsemi Corporation LXMG1617-12-42 Datasheet HTML 4Page - Microsemi Corporation LXMG1617-12-42 Datasheet HTML 5Page - Microsemi Corporation LXMG1617-12-42 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2002
Rev. 1.0a, 2006-11-10
PanelMatch™
LXMG1617-12-4x
12V 4W CCFL Programmable Inverter Module
TM
®
ABSOLUTE MAXIM U M RATINGS (NOTE 1)
Input Signal Voltage (VIN1).....................................................................................................................................-0.3V to 15V
Input Power ...................................................................................................................................................................... 5.5W
Output Voltage, no load ............................................................................................................ Internally Limited to 1600VRMS
Output Current ............................................................................................................................7.5mARMS (Internally Limited)
Output Power ................................................................................................................................................................... 4.0W
Input Signal Voltage ( SLEEP Input)..................................................................................................................... -0.3V to VIN1
Input Signal Voltage (BRITE) ...............................................................................................................................-0.3V to 5.5V
Ambient Operating Temperature, zero airflow.....................................................................................................-20°C to 70°C
Storage Temperature Range...............................................................................................................................-40°C to 85°C
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of specified
terminal.
RECOMMENDED OPERATING COND IT ION S (R.C. )
This module has been designed to operate over a wide range of input and output conditions. However, best efficiency and performance
will be obtained if the module is operated under the condition listed in the ‘R.C.’ column. Min. and Max. columns indicate values beyond
which the inverter, although operational, will not function optimally.
Recommended Operating Conditions
Parameter
Symbol
Min
R.C.
Max
Units
Input Supply Voltage Range (Fully Regulated
Lamp Current)
10.8
12
13.2
Input Supply Voltage Range (Functional)
VIN1
10.2
12
13.8
V
Output Power
PO
3.5
4.0
W
Linear BRITE Control Input Voltage Range
VBRT_ADJ
0.5
2.0
2.0
V
Lamp Operating Voltage
VLAMP
465
550
635*
VRMS
Lamp Current (Full Brightness)
IOLAMP
5
6.5
mARMS
Operating Ambient Temperature Range
TA
-20
70
°C
* Total output power must not exceed 4W. Higher voltage lamps may require maximum output current to be set lower than 6.5mARMS
ELECTR ICAL CHARACTER ISTIC S
Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of
25
°C except where otherwise noted.
LXMG1617-12-4x
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
OUTPUT PIN CHARACTERISTICS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET1 = Ground, ISET2 = Ground
4.5
5
5.5
mARMS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET1 = Ground, ISET2 = Open
5.0
5.5
6.0
mARMS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET1 = Open, ISET2 = Ground
5.5
6
6.5
mARMS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET1 = Open, ISET2 = Open
6.0
6.5
7.0
mARMS
Min. Average Lamp Current
IL(MIN)
VBRT_ADJ ≤0.5VDC, SLEEP > 2.0V, VIN1 = 12VDC
ISET1 = ISET2 = Ground
0.30
mARMS
Lamp Start Voltage
VLS
-20°C < TA < 70°C, VIN1 > 10.8VDC
1300
1400
VRMS
Operating Frequency
fO
VBRT_ADJ = 2.5VDC, SLEEP > 2.0V, VIN1 = 12V
76
80
83
kHz
Burst Frequency
fBURST
Output Burst Frequency
148
156
163
Hz


Similar Part No. - LXMG1617-12-42

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617-12-61 MICROSEMI-LXMG1617-12-61 Datasheet
167Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1617-12-62 MICROSEMI-LXMG1617-12-62 Datasheet
167Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1617-12-6X MICROSEMI-LXMG1617-12-6X Datasheet
167Kb / 6P
   12V 6W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1617-12-42

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1618A-12-4X MICROSEMI-LXMG1618A-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1617-12-4X MICROSEMI-LXM1617-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1617A-12-4X MICROSEMI-LXMG1617A-12-4X_10 Datasheet
184Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1617A-12-4X MICROSEMI-LXMG1617A-12-4X Datasheet
175Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1618-12-4X MICROSEMI-LXMG1618-12-4X Datasheet
168Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1618-12-4X MICROSEMI-LXM1618-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1624-12-4X MICROSEMI-LXM1624-12-4X Datasheet
187Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1623-12-4X MICROSEMI-LXMG1623-12-4X Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1624-12-4X MICROSEMI-LXMG1624-12-4X Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXM1623-12-4X MICROSEMI-LXM1623-12-4X Datasheet
198Kb / 7P
   12V Dual 4W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com