Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L40PTQ-UF Datasheet(PDF) 2 Page - AMIC Technology

Part # A25L40PTQ-UF
Description  4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L40PTQ-UF Datasheet(HTML) 2 Page - AMIC Technology

  A25L40PTQ-UF Datasheet HTML 1Page - AMIC Technology A25L40PTQ-UF Datasheet HTML 2Page - AMIC Technology A25L40PTQ-UF Datasheet HTML 3Page - AMIC Technology A25L40PTQ-UF Datasheet HTML 4Page - AMIC Technology A25L40PTQ-UF Datasheet HTML 5Page - AMIC Technology A25L40PTQ-UF Datasheet HTML 6Page - AMIC Technology A25L40PTQ-UF Datasheet HTML 7Page - AMIC Technology A25L40PTQ-UF Datasheet HTML 8Page - AMIC Technology A25L40PTQ-UF Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
A25L40P Series
4 Mbit, Low Voltage, Serial Flash Memory
Preliminary
With 85MHz SPI Bus Interface
PRELIMINARY
(May, 2007, Version 0.4)
1
AMIC Technology Corp.
FEATURES
4 Mbit of Flash Memory
Flexible Sector Architecture (4/4/8/16/32)KB/64x7 KB
Bulk Erase (4 Mbit) in 6s (typical)
Sector Erase (512 Kbit) in 1s (typical)
Page Program (up to 256 Bytes) in 3ms (typical)
2.7 to 3.6V Single Supply Voltage
SPI Bus Compatible Serial Interface
85MHz Clock Rate (maximum)
Deep Power-down Mode 1µA (typical)
Top or Bottom boot block configuration available
Electronic Signatures
- JEDEC Standard two-Byte Signature (2013h)
- RES Instruction, One-Byte, Signature (12h), for backward
compatibility
Package options
- 8-pin SOP (150mil or 209mil), 16-pin SOP, 8-pin DIP
(300mil) or 8-pin QFN
- All Pb-free (Lead-free) products are RoHS compliant
GENERAL DESCRIPTION
The A25L40P is a 4 Mbit (512K x 8) Serial Flash Memory, with
advanced write protection mechanisms, accessed by a high
speed SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time, using
the Page Program instruction.
The memory is organized as 8 sectors, each containing 256
pages. Each page is 256 bytes wide. Thus, the whole memory
can be viewed as consisting of 2048 pages, or 524,288 bytes.
The whole memory can be erased using the Bulk Erase
instruction, or a sector at a time, using the Sector Erase
instruction.
Pin Configurations
SO8 Connections
SO16 Connections
V
CC
C
DU
Q
S
HOLD
V
SS
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
A25L40P
V
CC
C
Q
D
S
W
HOLD
V
SS
1
8
2
7
3
6
4
5
A25L40P
DU
DU
DU
D
DU
DU
DU
DU
W
Note:
DU = Do not Use
DIP8 Connections
QFN8 Connections
A25L40P
A25L40P
V
CC
C
Q
D
S
W
HOLD
V
SS
1
2
3
4
8
7
6
5
V
CC
C
Q
D
S
W
HOLD
V
SS
1
8
2
7
3
6
4
5


Similar Part No. - A25L40PTQ-UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L40PMF-50 AMICC-A25L40PMF-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50F AMICC-A25L40PMF-50F Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50U AMICC-A25L40PMF-50U Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50UF AMICC-A25L40PMF-50UF Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMW-50 AMICC-A25L40PMW-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results

Similar Description - A25L40PTQ-UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40 Datasheet
262Kb / 40P
   4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
logo
AMIC Technology
A25L20P AMICC-A25L20P Datasheet
544Kb / 43P
   2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P20 STMICROELECTRONICS-M25P20 Datasheet
395Kb / 50P
   2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com