Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3P060 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A3P060
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A3P060 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button A3P060 Datasheet HTML 2Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 3Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 4Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 5Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 6Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 7Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 8Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 9Page - List of Unclassifed Manufacturers A3P060 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ProASIC3 Flash Family FPGAs
6
Pr od uct Br ief
and PCB area, and increases security and system
reliability.
Live at Power-Up
The Actel Flash-based ProASIC3 devices support Level 0
of the LAPU classification standard. This feature helps in
system component initialization, execution of critical
tasks before the processor wakes up, setup and
configuration of memory blocks, clock generation, and
bus activity management. The LAPU feature of Flash-
based ProASIC3 devices greatly simplifies total system
design and reduces total system cost, often eliminating
the need for CPLDs and clock generation PLLs that are
used for these purposes in a system. In addition, glitches
and brownouts in system power will not corrupt the
ProASIC3 device's Flash configuration, and unlike SRAM-
based FPGAs, the device will not have to be reloaded
when system power is restored. This enables the
reduction or complete removal of the configuration
PROM, expensive voltage monitor, brownout detection,
and clock generator devices from the PCB design. Flash-
based ProASIC3 devices simplify total system design and
reduce cost and design risk while increasing system
reliability and improving system initialization time.
Firm Errors
Firm errors occur most commonly when high-energy
neutrons, generated in the upper atmosphere, strike a
configuration cell of an SRAM FPGA. The energy of the
collision can change the state of the configuration cell
and thus change the logic, routing, or I/O behavior in an
unpredictable way. These errors are impossible to
prevent in SRAM FPGAs. The consequence of this type of
error can be a complete system failure. Firm errors do
not exist in the configuration memory of ProASIC3 Flash-
based FPGAs. Once it is programmed, the Flash cell
configuration element of ProASIC3 FPGAs cannot be
altered by high-energy neutrons and is therefore
immune to them. Recoverable (or soft) errors occur in
the user data SRAM of all FPGA devices. These can easily
be mitigated by using error detection and correction
(EDAC) circuitry built into the FPGA fabric.
Low Power
Flash-based
ProASIC3
devices
exhibit
power
characteristics similar to an ASIC, making them an ideal
choice for power-sensitive applications. ProASIC3 devices
have only a very limited power-on current surge and no
high-current transition period, both of which occur on
many FPGAs.
ProASIC3
devices
also
have
low
dynamic
power
consumption to further maximize power savings.
Advanced Flash Technology
The ProASIC3 family offers many benefits, including
nonvolatility
and
reprogrammability
through
an
advanced Flash-based, 130-nm LVCMOS process with
seven layers of metal. Standard CMOS design techniques
are used to implement logic and control functions. The
combination of fine granularity, enhanced flexible
routing resources, and abundant Flash switches allows
for very high logic utilization without compromising
device routability or performance. Logic functions within
the device are interconnected through a four-level
routing hierarchy.
Advanced Architecture
The
proprietary
ProASIC3
architecture
provides
granularity comparable to standard-cell ASICs. The
ProASIC3
device
consists
of
five
distinct
and
programmable
architectural
features
(Figure 1
and
Figure 2 on page 7):
FPGA VersaTiles
Dedicated FlashROM
Dedicated SRAM/FIFO memory1
Extensive CCCs and PLLs1
Advanced I/O structure
The FPGA core consists of a sea of VersaTiles. Each
VersaTile can be configured as a three-input logic
function, a D-flip-flop (with or without enable), or a
latch by programming the appropriate Flash switch
interconnections. The versatility of the ProASIC3 core tile
as either a three-input lookup table (LUT) equivalent or
as a D-flip-flop/latch with enable allows for efficient use
of the FPGA fabric. The VersaTile capability is unique to
the Actel ProASIC family of third-generation architecture
Flash FPGAs. VersaTiles are connected with any of the
four levels of routing hierarchy. Flash switches are
distributed
throughout
the
device
to
provide
nonvolatile, reconfigurable interconnect programming.
Maximum core utilization is possible for virtually any
design.
In addition, extensive on-chip programming circuitry
allows for rapid, single-voltage (3.3 V) programming of
ProASIC3 devices via an IEEE 1532 JTAG interface.
1. The A3P030 does not support PLL or SRAM.


Similar Part No. - A3P060

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P060 MICROSEMI-A3P060 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3P060 MICROSEMI-A3P060 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P060 MICROSEMI-A3P060 Datasheet
9Mb / 212P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P060 MICROSEMI-A3P060 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P060-1CS100 MICROSEMI-A3P060-1CS100 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3P060

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P600-FG256 MICROSEMI-A3P600-FG256 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-PQG208I MICROSEMI-A3P600-PQG208I Datasheet
9Mb / 212P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P250-VQG100I MICROSEMI-A3P250-VQG100I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-2FG484 MICROSEMI-A3P1000-2FG484 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-VQG100 MICROSEMI-A3P030-VQG100 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com