Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXM1644-12-61 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LXM1644-12-61
Description  12V Quad 6W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1644-12-61 Datasheet(HTML) 4 Page - Microsemi Corporation

  LXM1644-12-61 Datasheet HTML 1Page - Microsemi Corporation LXM1644-12-61 Datasheet HTML 2Page - Microsemi Corporation LXM1644-12-61 Datasheet HTML 3Page - Microsemi Corporation LXM1644-12-61 Datasheet HTML 4Page - Microsemi Corporation LXM1644-12-61 Datasheet HTML 5Page - Microsemi Corporation LXM1644-12-61 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRELIMINARY DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2002
Rev. 0.5b, 2004-11-03
P
Pa
an
ne
ellM
Ma
attc
ch
h
LXM1644-12-61
12V Quad 6W CCFL Programmable Inverter Module
I N T E GRA T ED
PR ODUC T S
TABLE 1
OUTPUT CURRENT SETTINGS (TWO LAMPS)
SET1
(Pin 11)
SET2
(Pin 12)
Nominal Output Current
Open*
Open*
16.0mA
Open*
Ground
14.0mA
Ground
Open*
12.0mA
Ground
Ground
10.0mA
* If driven by a logic signal it should be open collector or open drain only, not a voltage source.
PHY S ICAL DIM E N S ION S
Weight: 44g typ.
Warning
High Voltage Present at
high side of both
Transformers and Output
Connectors
188mm
7.40in
GROUNDED MOUNTING HOLES
3.18MM ±.08
DIA.
36mm
1.41in
PCB tolerances ± 0.5mm
1.52mm
0.060in
8.0mm Max
0.315in
CN1
182mm
7.16in
4mm
0.16in
4mm
0.16in
4mm
0.16in
94mm
3.70in
6mm
0.23in
88mm
3.465in
SIMPLIFIED BLOCK DIAGRAM
V
LO
V
HI
High Voltage Transformers
I
SENSE
OV
SENSE
V
IN1
OC
SENSE
One of two
V
HI
Z
Z
Controller and
Transform er
Driver
V
BRITE
SET
1
SET
2
+3V
10K
10K
10K
+3V
+3V


Similar Part No. - LXM1644-12-61

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1640-01 MICROSEMI-LXM1640-01 Datasheet
184Kb / 5P
   DIRECT DRIVE QUAD LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-02 MICROSEMI-LXM1641-02 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-03 MICROSEMI-LXM1641-03 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1643-12-61 MICROSEMI-LXM1643-12-61 Datasheet
224Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
More results

Similar Description - LXM1644-12-61

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1643-12-64 MICROSEMI-LXMG1643-12-64 Datasheet
196Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-63 MICROSEMI-LXM1643-12-63 Datasheet
180Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-61 MICROSEMI-LXM1643-12-61 Datasheet
224Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXMG1643-12-63 MICROSEMI-LXMG1643-12-63 Datasheet
193Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXMG1643-12-62 MICROSEMI-LXMG1643-12-62 Datasheet
192Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Micrel Semiconductor
LXM1643-12-62 MICREL-LXM1643-12-62 Datasheet
216Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Microsemi Corporation
LXMG1643-12-61 MICROSEMI-LXMG1643-12-61 Datasheet
187Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXMG1644-12-61 MICROSEMI-LXMG1644-12-61 Datasheet
186Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X Datasheet
182Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X_10 Datasheet
183Kb / 6P
   12V 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com