Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXM1626-12-64 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LXM1626-12-64
Description  12V Dual 6W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1626-12-64 Datasheet(HTML) 5 Page - Microsemi Corporation

  LXM1626-12-64 Datasheet HTML 1Page - Microsemi Corporation LXM1626-12-64 Datasheet HTML 2Page - Microsemi Corporation LXM1626-12-64 Datasheet HTML 3Page - Microsemi Corporation LXM1626-12-64 Datasheet HTML 4Page - Microsemi Corporation LXM1626-12-64 Datasheet HTML 5Page - Microsemi Corporation LXM1626-12-64 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2003
Rev. 1.1a, 2005-01-17
PanelMatch
LXM1626-12-64
12V Dual 6W CCFL Programmable Inverter Module
TM
®
TY PI CAL APPLI CATI O N
LXM1626-12-64
12V
SET
2
GND
V
HI
V
LO
BRITE
V
IN1
SLEEP
SET
1
500K
DAC or
Pot
CCFL
TUBE
NC
NC
ONE OF
TWO
Figure 1
– Brightness Control
(Output current set to maximum)
P.W.
10µs to 20µS
BRITE
LXM1626-12-64
0 < P.W. < 100% of period
PWM Signal
from System
Figure 1A
– PWM Brightness Control
LXM1626-12-64
SET
2
GND
V
HI
V
LO
SLEEP
SET
1
CCFL
TUBE
BRITE
12V
V
IN1
ONE OF
TWO
L
L
3.5mARMS
L
H
4.0mARMS
H
L
4.5mARMS
H
H
5.0mARMS
L=GND; H=Open
Figure 2
– Max Output Current
(SET1 and SET2 Inputs)
The brightness control may be a voltage output DAC or
other voltage source, a digital pot or 500K manual pot. The
inverter contains an internal 215K pull-up to 3V to bias the
pot.
A 3.3V Logic Level PWM signal from a micro-
controller may also be used as shown in Figure 1A.
If you need to turn the inverter ON/OFF remotely, connect
to TTL logic signal to the
SLEEP input.
Connect VHI to high voltage wire from the lamp. Connect
VLO to the low voltage wire (wire with thinner insulation).
Never connect VLO to circuit ground as this will defeat
lamp current regulation. If both lamp wires have heavy
high voltage insulation, connect the longest wire to VLO.
This wire is typically white.
Use the SET1 and SET2 (see Figure 2) inputs to select the
desired maximum output current. Using these two pins in
combination allows the inverter to match a wide variety of
panels from different manufactures.
Generally the best
lamp lifetime correlates with driving the CCFL at the
manufactures nominal current setting. However the SET1
and SET2 inputs allow the user the flexibility to adjust the
current to the maximum allowable output current to
increase panel brightness at the expense of some reduced
lamp life.
Although the SET pins are designed such that just leaving
them open or grounding them is all that is needed to set the
output current, they can also be actively set. Using a open
collector or open drain logic signal will allow you to
reduce the lamp current for situations where greater dim
range is required, as an example in nighttime situations. In
conjunction with a light sensor or other timer the panel
could be set to higher brightness (maximum output
current) for daytime illumination and lower brightness
(minimum or typical output current) at nighttime. Since
the dim ratio is a factor of both the burst duty cycle and the
peak output current, using this technique the effective dim
ratio can be increased greater than the burst duty cycle
alone. Conversely, the SET inputs could be used to
overdrive the lamp temporarily to facilitate faster lamp
warm up at initial lamp turn on. Of course, any possible
degradation on lamp life from such practices is the user’s
responsibility since not all lamps are designed to be
overdriven.
The inverter has a built in fault timeout function. If the
output is open (lamp disconnected or broken) or shorted to
ground the inverter will attempt to strike the lamp for
number of cycles. After about 800 milliseconds without
success the inverter will shutdown. In order to restart the
inverter it is necessary to toggle the SLEEP input or cycle
the VIN1 input supply


Similar Part No. - LXM1626-12-64

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1620-01 MICROSEMI-LXM1620-01 Datasheet
135Kb / 5P
   DIRECT DRIVE DUAL LAMP CCFL INVERTER MODULE
LXM1621-01 MICROSEMI-LXM1621-01 Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1621-02 MICROSEMI-LXM1621-02 Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1621-03 MICROSEMI-LXM1621-03 Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results

Similar Description - LXM1626-12-64

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1623-12-6X MICROSEMI-LXM1623-12-6X Datasheet
188Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXMG1623-12-6X MICROSEMI-LXMG1623-12-6X Datasheet
178Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXMG1626-12-45 MICROSEMI-LXMG1626-12-45_07 Datasheet
200Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXMG1628-12-6X MICROSEMI-LXMG1628-12-6X Datasheet
187Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXM1624-12-6X MICROSEMI-LXM1624-12-6X Datasheet
235Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXMG1626-12-46_0708 MICROSEMI-LXMG1626-12-46_0708 Datasheet
202Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXMG1626-12-46 MICROSEMI-LXMG1626-12-46 Datasheet
182Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXMG1627-12-6X MICROSEMI-LXMG1627-12-6X Datasheet
188Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXM1623-12-61 MICROSEMI-LXM1623-12-61 Datasheet
218Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXMG1624-12-6X MICROSEMI-LXMG1624-12-6X Datasheet
224Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com