Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXM1624-12-4X Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LXM1624-12-4X
Description  12V Dual 4W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1624-12-4X Datasheet(HTML) 4 Page - Microsemi Corporation

  LXM1624-12-4X Datasheet HTML 1Page - Microsemi Corporation LXM1624-12-4X Datasheet HTML 2Page - Microsemi Corporation LXM1624-12-4X Datasheet HTML 3Page - Microsemi Corporation LXM1624-12-4X Datasheet HTML 4Page - Microsemi Corporation LXM1624-12-4X Datasheet HTML 5Page - Microsemi Corporation LXM1624-12-4X Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2002
Rev. 1.0b, 2005-01-17
PanelMatch
LXM1624-12-4x
12V Dual 4W CCFL Programmable Inverter Module
I N T E GRA T ED
PR ODUC T S
TABLE 1
OUTPUT CURRENT SETTINGS
SET1
(Pin 7)
SET2
(Pin 8)
Nominal Output Current
Open*
Open*
6.5mA
Open*
Ground
6.0mA
Ground
Open*
5.5mA
Ground
Ground
5.0mA
* If driven by a logic signal it should be open collector or open drain only, not a voltage source.
PHY S IC AL D I M E N S ION S
L X M1624- 1 2 -4X
115mm
4.53in.
CN1
1.0mm
0.0394in.
30mm
1.18in.
GROUNDED MOUNTING HOLE
3MM X 2
DIA. ±0.08
6MM SCREW HEAD CLEARANCE
Weight: (15g) typ.
109mm
4.29in.
26mm
1.02in.
CN3
CN2
4mm
0.157in.
6mm
0.23in.
6.5mm Max
0.256in.
Warning
High Voltage
Present at high
side of transformer
and Output
Connector
PCB tolerances ± 0.5mm
22mm
0.866in.
103mm ±0.2mm
4.055in.
Dimensions are in millimeters (inches are for reference only)
SI MPLIFI ED BLOCK DI AGRAM
Controller
and
Transform er
Driver
0.65 -
2V
DC
V
LO
V
HI
V
BRITE
SET
1
High Voltage
Transform er
I
SENSE
OV
SENSE
SET
2
+3V
10K
10K
10K
+3V
+3V
V
IN1
OC
SENSE
One of Two


Similar Part No. - LXM1624-12-4X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1624-12-61 MICROSEMI-LXM1624-12-61 Datasheet
235Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXM1624-12-62 MICROSEMI-LXM1624-12-62 Datasheet
235Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXM1624-12-63 MICROSEMI-LXM1624-12-63 Datasheet
235Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXM1624-12-6X MICROSEMI-LXM1624-12-6X Datasheet
235Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
More results

Similar Description - LXM1624-12-4X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1623-12-4X MICROSEMI-LXMG1623-12-4X Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1624-12-4X MICROSEMI-LXMG1624-12-4X Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXM1623-12-4X MICROSEMI-LXM1623-12-4X Datasheet
198Kb / 7P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1627-12-4X MICROSEMI-LXMG1627-12-4X Datasheet
193Kb / 6P
   12V Dual 4W Programmable CCFL Inverter Module
LXMG1623-12-44 MICROSEMI-LXMG1623-12-44 Datasheet
183Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1627-12-44 MICROSEMI-LXMG1627-12-44 Datasheet
184Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1618A-12-4X MICROSEMI-LXMG1618A-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1617-12-4X MICROSEMI-LXM1617-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1617A-12-4X MICROSEMI-LXMG1617A-12-4X_10 Datasheet
184Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1617-12-4X MICROSEMI-LXMG1617-12-4X Datasheet
166Kb / 6P
   12V 4W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com