Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8143R20KT5L.25XX Datasheet(PDF) 5 Page - Bi technologies

Part # 8143R20KT5L.25XX
Description  7/8 Diameter 10-Turn* Hybrid Precision Potentiometer / Position Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8143R20KT5L.25XX Datasheet(HTML) 5 Page - Bi technologies

  8143R20KT5L.25XX Datasheet HTML 1Page - Bi technologies 8143R20KT5L.25XX Datasheet HTML 2Page - Bi technologies 8143R20KT5L.25XX Datasheet HTML 3Page - Bi technologies 8143R20KT5L.25XX Datasheet HTML 4Page - Bi technologies 8143R20KT5L.25XX Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2
2-127
Model 8140 Series
ORDERING INFORMATION
8146 R 10K T5 L .25 XX
Model Series
Resistance Prefix
Resistance Value
Optional Special
Feature Code
Linearity
Optional
Non-Standard Tolerance
(CCW)
(S)
(CW)
Metric equivalents, based on 1 inch = 25.4mm are rounded to
the same number of significant figures as in the original
English units and are provided for general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches
(.25mm)
Angular = ± 2 degrees
NOTES
mm
INCH
CIRCUIT DIAGRAM
SPECIAL FEATURES
Center Tap
CT
Linearity Tape
LT
Rear Shaft Extension (8143, 8146 single cup only)
RS
Flatted Shaft
FS
Slotted Shaft (Standard on single gang 8146 without RS)
SS
Shaft Lock (8141, 8146 only)
SL
High Torque 2–6 oz.-in. (8146 only)
HT
Additional Gangs
2G
Gold plated solder lug terminals (See optional terminal configuration)
FT
MATCHING TURNS COUNTING DIALS
8141: RBJ, 2601, 2641
8146: 2606, 2607, 2626, 2627, 2646, 2647, 2126, 2606S, 2607S, 2646S, 2647S, RB


Similar Part No. - 8143R20KT5L.25XX

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
8143RPFB MAXWELL-8143RPFB Datasheet
786Kb / 24P
   12-Bit Serial Daisy Chain D/A Converter
8143RPFE MAXWELL-8143RPFE Datasheet
786Kb / 24P
   12-Bit Serial Daisy Chain D/A Converter
8143RPFI MAXWELL-8143RPFI Datasheet
786Kb / 24P
   12-Bit Serial Daisy Chain D/A Converter
8143RPFS MAXWELL-8143RPFS Datasheet
786Kb / 24P
   12-Bit Serial Daisy Chain D/A Converter
More results

Similar Description - 8143R20KT5L.25XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8136 BITECH-8136 Datasheet
61Kb / 3P
   7/8 Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
6143 BITECH-6143 Datasheet
83Kb / 4P
   7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
   7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com