Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY65 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CNY65
Description  Optocoupler, Phototransistor Output, Very High Isolation Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY65 Datasheet(HTML) 5 Page - Vishay Siliconix

  CNY65 Datasheet HTML 1Page - Vishay Siliconix CNY65 Datasheet HTML 2Page - Vishay Siliconix CNY65 Datasheet HTML 3Page - Vishay Siliconix CNY65 Datasheet HTML 4Page - Vishay Siliconix CNY65 Datasheet HTML 5Page - Vishay Siliconix CNY65 Datasheet HTML 6Page - Vishay Siliconix CNY65 Datasheet HTML 7Page - Vishay Siliconix CNY65 Datasheet HTML 8Page - Vishay Siliconix CNY65 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
VISHAY
CNY64/ CNY65/ CNY66
Document Number 83540
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Switching Characteristics
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Delay time
VS = 5 V, IC = 5 mA, RL = 100 Ω
(see figure 3)
td
2.6
µs
Rise time
VS = 5 V, IC = 5 mA, RL = 100 Ω
(see figure 3)
tr
2.4
µs
Fall time
VS = 5 V, IC = 5 mA, RL = 100 Ω
(see figure 3)
tf
2.7
µs
Storage time
VS = 5 V, IC = 5 mA, RL = 100 Ω
(see figure 3)
ts
0.3
µs
Turn-on time
VS = 5 V, IC = 5 mA, RL = 100 Ω
(see figure 3)
ton
5.0
µs
Turn-off time
VS = 5 V, IC = 5 mA, RL = 100 Ω
(see figure 3)
toff
3.0
µs
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kΩ
(see figure 4)
ton
25.0
µs
Turn-off time
VS = 5 V, IF = 10 mA, RL = 1 kΩ
(see figure 4)
toff
42.5
µs
Figure 3. Test circuit, non-saturated operation
Figure 4. Test circuit, saturated operation
Channel I
Channel II
95 10900
RG = 50 W
tp
tp = 50 s
T
= 0.01
+ 5 V
IC = 5 mA; adjusted through
input amplitude
IF
0
IF
50
W
100
W
Oscilloscope
RL 1 MW
CL 20 pF
Channel I
Channel II
95 10843
RG =50
tp
tp =50 s
T
= 0.01
+5V
IC
IF
0
50
1k
IF =10mA
Oscilloscope
RL
CL 20 pF
M
1
µ
Figure 5. Switching Times
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (= td +tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts +tf)
turn-off time


Similar Part No. - CNY65

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65 VISHAY-CNY65 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CNY65 VISHAY-CNY65 Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,Very High Isolation Voltage
Rev. 1.7, 20-Oct-08
logo
Everlight Electronics C...
CNY65 EVERLIGHT-CNY65 Datasheet
1Mb / 9P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
logo
Vishay Siliconix
CNY65 VISHAY-CNY65 Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
logo
Everlight Electronics C...
CNY65-V EVERLIGHT-CNY65-V Datasheet
1Mb / 9P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
More results

Similar Description - CNY65

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V01 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY66 VISHAY-CNY66_V01 Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64AYST VISHAY-CNY64AYST_14 Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.1, 26-Jun-14
CNY651 VISHAY-CNY651 Datasheet
152Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 12-Feb-14
CNY651 VISHAY-CNY651_V01 Datasheet
179Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64 VISHAY-CNY64_08 Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,Very High Isolation Voltage
Rev. 1.7, 20-Oct-08
CNY64ST VISHAY-CNY64ST Datasheet
164Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V02 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
CNY651 VISHAY-CNY651_V02 Datasheet
180Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com