Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4661T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA4661T
Description  Baseband delay line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4661T Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA4661T Datasheet HTML 1Page - NXP Semiconductors TDA4661T Datasheet HTML 2Page - NXP Semiconductors TDA4661T Datasheet HTML 3Page - NXP Semiconductors TDA4661T Datasheet HTML 4Page - NXP Semiconductors TDA4661T Datasheet HTML 5Page - NXP Semiconductors TDA4661T Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
December 1994
6
Philips Semiconductors
Product specification
Baseband delay line
TDA4661
Notes
1. The signal must be blanked line-sequentially. The blanking level must be equal to the non-colour signal.
2. Noise voltage at f = 10 kHz to 1 MHz; VI14, 16 = 0 (RS < 300 Ω).
3. The leading edge of the burst-key pulse or H-blanking pulse is used for timing.
Sandcastle pulse input (pin 5)
fBK
burst-key frequency
14.2
15.625
17.0
kHz
fSAND
sandcastle frequency
14.2
15.625
17.0
kHz
V5
top pulse voltage
note 3
4.0
VP + 1.0 V
Vslice
internal slicing level
V5 − 1.0 −
V5 − 0.5 V
I5
input current
10
µA
C5
input capacitance
10
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA4661T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4660T PHILIPS-TDA4660T Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4662 PHILIPS-TDA4662 Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
TDA4662T PHILIPS-TDA4662T Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
TDA4663 PHILIPS-TDA4663 Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
More results

Similar Description - TDA4661T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4662 PHILIPS-TDA4662 Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
logo
Integral Corp.
ILA4661 INTEGRAL-ILA4661 Datasheet
107Kb / 2P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4663T PHILIPS-TDA4663T Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
logo
TEMIC Semiconductors
U3661M TEMIC-U3661M Datasheet
138Kb / 9P
   Baseband Delay Line
logo
NXP Semiconductors
TDA4665 PHILIPS-TDA4665 Datasheet
114Kb / 12P
   Baseband delay line
1996 Dec 17
logo
KODENSHI_AUK CORP.
KKA4661 KODENSHI-KKA4661 Datasheet
74Kb / 3P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
logo
TEMIC Semiconductors
U3660M TEMIC-U3660M Datasheet
77Kb / 7P
   Baseband Delay Line (64 Us)
logo
Sony Corporation
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
   CMOS-CCD Baseband 1H Delay Line
logo
TEMIC Semiconductors
U3665M TEMIC-U3665M Datasheet
131Kb / 9P
   Baseband Delay Line 64 us (Improved Version)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com