Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8942 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8942
Description  Low Dropout Dual Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8942 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8942 Datasheet HTML 1Page - Microsemi Corporation LX8942 Datasheet HTML 2Page - Microsemi Corporation LX8942 Datasheet HTML 3Page - Microsemi Corporation LX8942 Datasheet HTML 4Page - Microsemi Corporation LX8942 Datasheet HTML 5Page - Microsemi Corporation LX8942 Datasheet HTML 6Page - Microsemi Corporation LX8942 Datasheet HTML 7Page - Microsemi Corporation LX8942 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LX8942
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2005
Rev. 1.2, 2006-01-20
Low Dropout Dual Regulator
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0
°C
T
A 70°C except where
otherwise noted and the following test conditions: TA = 25°C, VIN = 14V, IO1 = 50mA for VOUT1 and 10mA for VSB and are for DC
characteristics only. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the
ambient temperature.
LX8942
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VOLTAGE OUTPUT (VOUT1) SECTION
Output Voltage (NOTE 1)
VOUT1
9V < VIN < 26V, IO1 < 1000mA
7.6
8.0
8.4
V
9V < VIN < 16V, IO1 = 5mA
4
25
mV
Line Regulation
9V < VIN < 26V, IO1 = 5mA
10
50
mV
Load Regulation
5mA < IO1 < 1000mA
10
50
mV
Output Impedance
500mADC and 10mARMS, 100Hz – 10kHz
200
mΩ
IO1 < 10mA, No Load on Standby
2
mA
IO1 = 500mA, No Load on Standby
40
100
mA
IO1 = 750mA, No Load on Standby
90
mA
Quiescent Current
Output Noise Voltage
10Hz – 100kHz
100
µVRMS
Long Term Stability
20
mV /
1000hr
Ripple Rejection
FO1 = 120Hz
66
dB
IO1 = 500mA
0.45
0.60
V
Dropout Voltage
IO1 = 1000mA
0.7
1.2
V
Current Limit
1.0
1.8
A
Maximum Operational Input
Voltage
VIN
Double Battery
26.5
31
V
Maximum Line Transient
VIN
VO1 < 9V
60
70
V
ON / OFF Switch
IIH
IO1 = 10mA, Pin 4 = 2.4V
10
µA
ON / OFF Switch
IIL
IO1 = 10mA, Pin 4 = 0.4V
-10
µA
STANDBY OUTPUT (VSB) SECTION
Output Voltage (Note 1)
VSB
6V < VIN < 26V, ISB < 60mA
4.75
5.0
5.25
V
Line Regulation
6V < VIN < 26V
4
50
mV
1mA < ISB < 35mA
10
25
mV
Load Regulation
1mA < ISB < 60mA
25
50
mV
Output Impedance
1mADC and 1mARMS, 100Hz – 10kHz
1
Quiescent Current
ISB < 10mA, VOUT1 OFF
1.2
3
mA
Output Noise Voltage
10Hz – 100kHz
300
µVRMS
Long Term Stability
20
mV /
1000hr
Ripple Rejection
FSB = 120Hz
66
dB
Dropout Voltage
ISB < 60mA
0.55
0.70
V
Current Limit
60
100
mA
Maximum Line Transient
VIN
4.75V < VSB < 6V
60
70
V
Note 1: The Temperature Extremes are Guaranteed but not 100% Production Tested.


Similar Part No. - LX8942

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
LX8940 MICROSEMI-LX8940 Datasheet
211Kb / 6P
   5V Low Dropout Regulator
LX8940CP MICROSEMI-LX8940CP Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
LX8940CP MICROSEMI-LX8940CP Datasheet
211Kb / 6P
   5V Low Dropout Regulator
LX8940CP-TR MICROSEMI-LX8940CP-TR Datasheet
211Kb / 6P
   5V Low Dropout Regulator
More results

Similar Description - LX8942

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
logo
Toshiba Semiconductor
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
   Low Dropout Dual Regulator
December, 2001 - Rev. 3
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
SG29055 MICROSEMI-SG29055_1 Datasheet
253Kb / 4P
   LOW DROPOUT DUAL REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com