Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6163R20KT5L1.0XX Datasheet(PDF) 1 Page - Bi technologies

Part # 6163R20KT5L1.0XX
Description  7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6163R20KT5L1.0XX Datasheet(HTML) 1 Page - Bi technologies

  6163R20KT5L1.0XX Datasheet HTML 1Page - Bi technologies 6163R20KT5L1.0XX Datasheet HTML 2Page - Bi technologies 6163R20KT5L1.0XX Datasheet HTML 3Page - Bi technologies 6163R20KT5L1.0XX Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL 6143, 6163
7/8” Diameter
Single Turn
Conductive Plastic
Precision Potentiometer /
Position Sensor
2
2-59
Model 6143, 6163
ELECTRICAL
Resistance Range, Ohms
1K to 100K
Standard Resistance Tolerance
±10%
Minimum Practical Resistance Tolerance
±5%
Independent Linearity*
±1.0%
Minimum Practical Independent Linearity
±0.5%
Input Voltage, Maximum
400Vdc not to exceed power rating
Power Rating, Watts
1.0 at 70°C derating to 0 at 125°C
Dielectric Strength
750V rms
Insulation Resistance, Minimum
1,000 Megohms
Output Smoothness, Maximum
0.1%
Actual Electrical Travel, Nominal
340°
Electrical Continuity Travel, Minimum
350°
End Voltage, Maximum
0.5% of Input Voltage
Resolution
Essentially infinite
Temperature Coefficient**
–800 ppm/°C
Specifications subject to change without notice.
* Linearity is measured between 1% and 99% of input voltage.
** Special tempco available to ±100ppm/°C.
6143
1/8” Shaft, Bronze Sleeve Bearing
6163
1/8” Shaft, Ball Bearing
MODEL STYLES


Similar Part No. - 6163R20KT5L1.0XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6163 BITECH-6163 Datasheet
196Kb / 3P
   Potentiometer / Position Sensor
logo
TT Electronics.
6163 TTELEC-6163 Datasheet
725Kb / 3P
   Single-Turn Precision Potentiometer
logo
Belden Inc.
6163 BELDEN-6163 Datasheet
161Kb / 2P
   Teck90 1000V, 3G C #3/06 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
logo
Schurter Inc.
6163.0001 SCHURTER-6163.0001 Datasheet
328Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder, Quick-connect or Screw Terminal
6163.0004 SCHURTER-6163.0004 Datasheet
328Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder, Quick-connect or Screw Terminal
More results

Similar Description - 6163R20KT5L1.0XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
   7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
6130 BITECH-6130 Datasheet
59Kb / 3P
   Low Profile 7/8 Diameter Single Turn Conductive Plastic Bronze Bearing Position Sensor Precision Potentiometer
8136 BITECH-8136 Datasheet
61Kb / 3P
   7/8 Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
6370 BITECH-6370 Datasheet
61Kb / 4P
   1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
3371 BITECH-3371 Datasheet
75Kb / 3P
   1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
8140 BITECH-8140 Datasheet
76Kb / 5P
   7/8 Diameter 10-Turn* Hybrid Precision Potentiometer / Position Sensor
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
   7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 02-Jul-07
logo
Bi technologies
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com