Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6373R2KT5L.50XX Datasheet(PDF) 2 Page - Bi technologies

Part # 6373R2KT5L.50XX
Description  1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6373R2KT5L.50XX Datasheet(HTML) 2 Page - Bi technologies

  6373R2KT5L.50XX Datasheet HTML 1Page - Bi technologies 6373R2KT5L.50XX Datasheet HTML 2Page - Bi technologies 6373R2KT5L.50XX Datasheet HTML 3Page - Bi technologies 6373R2KT5L.50XX Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2-76
Model 6370 Series
ENVIRONMENTAL (MIL-R-39023)
Operating Temperature Range
Static: –65°C to +125°C
Dynamic: –40°C to +125°C
Temperature Cycling
5 cycles, –65°C to +125°C (10%
∆R)
Shock, 6ms Sawtooth
100G’s (0.1ms discontinuity max.)
Vibration
15G’s, 10 to 2,000 Hz (2%
∆R, 0.1ms discontinuity max.)
Moisture Resistance
Ten 24 hour cycles (10%
∆R)
High Temperature Exposure
1,000 hours at 125°C (0.5%
∆R)
Rotational Load Life
5 mil. shaft rev. +900 hrs. at rated wattage at 70°C (10%
∆R)
MECHANICAL
Total Mechanical Travel
360° continuous
Number of Gangs, Maximum
1
Weight, Nominal
2.0 oz.
Shaft Runout, T.I.R., Maximum
.001”
Pilot Diameter Runout, T.I.R., Maximum
.0015”
Lateral Runout, T.I.R., Maximum
.002”
Shaft Radial Play, Maximum
.002”
Start/Run Torque, Maximum
0.7 / 0.5 oz.-in.
STANDARD RESISTANCE VALUES, OHMS
1K
2K
5K
10K
20K
50K
METRIC CONVERSIONS
1 in.
25.4 mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m


Similar Part No. - 6373R2KT5L.50XX

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
logo
Bi technologies
6373 BITECH-6373 Datasheet
176Kb / 3P
   Precision Potentiometer / Position Sensor
logo
List of Unclassifed Man...
6373-45 ETC2-6373-45 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6373-47 ETC2-6373-47 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6373-49 ETC2-6373-49 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6373R2KT5L.50XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
3371 BITECH-3371 Datasheet
75Kb / 3P
   1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
6143 BITECH-6143 Datasheet
83Kb / 4P
   7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
   7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
128 VISHAY-128 Datasheet
347Kb / 4P
   1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
logo
Bi technologies
6130 BITECH-6130 Datasheet
59Kb / 3P
   Low Profile 7/8 Diameter Single Turn Conductive Plastic Bronze Bearing Position Sensor Precision Potentiometer
logo
Vishay Siliconix
MODEL128 VISHAY-MODEL128 Datasheet
255Kb / 4P
   1 1/16 (27 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 04-Jul-07
logo
Bi technologies
8136 BITECH-8136 Datasheet
61Kb / 3P
   7/8 Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
logo
Vishay Siliconix
708 VISHAY-708 Datasheet
342Kb / 4P
   (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
138 VISHAY-138 Datasheet
76Kb / 3P
   1 5/16" (33.3 mm) Industrial Single Turn, Bushing Mount, Conductive Plastic Potentiometer
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com