Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7380 Datasheet(PDF) 5 Page - Bi technologies

Part # 7380
Description  7/8 Diameter 3-Turn Wirewound Precision Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7380 Datasheet(HTML) 5 Page - Bi technologies

  7380 Datasheet HTML 1Page - Bi technologies 7380 Datasheet HTML 2Page - Bi technologies 7380 Datasheet HTML 3Page - Bi technologies 7380 Datasheet HTML 4Page - Bi technologies 7380 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2-107
2
Model 7380 Series
ORDERING INFORMATION
7386 R 10K T2 L .50 XX
Model Series
Resistance Prefix
Resistance Value
Optional Special
Feature Code
Linearity
Optional
Non-Standard Tolerance
MATCHING TURNS COUNTING DIALS
7381: RBJ, 2601, 2641
7386: RB, 2126, 2606, 2606S, 2607, 2607S, 2626, 2627, 2646, 2646S, 2647, 2647S
(CCW)
(S)
(CW)
Metric equivalents, based on 1 inch = 25.4mm are rounded to
the same number of significant figures as in the original
English units and are provided for general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches
(.25mm)
Angular = ± 2 degrees
NOTES
mm
INCH
CIRCUIT DIAGRAM
SPECIAL FEATURES
Center Tap
CT
Linearity Tape
LT
Rear Shaft Extension
RS
Flatted Shaft
FS
Slotted Shaft (Standard on single cup 7386 without RS)
SS
Shaft Lock (7381, 7386 only)
SL
High Torque, 2–6 oz.-in. (7386 only)
HT
Additional Gangs
2G
Gold Plated Solder Lug Terminals (See optional terminal configuration)
FT


Similar Part No. - 7380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7380 ETC2-7380 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7380 ETC2-7380 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
TT Electronics.
7380 TTELEC-7380 Datasheet
992Kb / 4P
   Multi-Turn Precision Potentiometer
logo
Molex Electronics Ltd.
73800-0000 MOLEX8-73800-0000 Datasheet
133Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical, SMC, Press- Fit, Long Pin, Open End Option, 72 Circuits
73800-0200 MOLEX8-73800-0200 Datasheet
136Kb / 3P
   2.00mm (.079") Pitch HDM Board-to-Board Midplane Header, Vertical, SMC, Press- Fit, Long Pin, Open End Option, 72 Circuits
More results

Similar Description - 7380

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
9301 BITECH-9301 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com