Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APS1056IGV-0.6-T1 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # APS1056IGV-0.6-T1
Description  Fast Transient 600mA Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

APS1056IGV-0.6-T1 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  APS1056IGV-0.6-T1 Datasheet HTML 1Page - Advanced Analogic Technologies APS1056IGV-0.6-T1 Datasheet HTML 2Page - Advanced Analogic Technologies APS1056IGV-0.6-T1 Datasheet HTML 3Page - Advanced Analogic Technologies APS1056IGV-0.6-T1 Datasheet HTML 4Page - Advanced Analogic Technologies APS1056IGV-0.6-T1 Datasheet HTML 5Page - Advanced Analogic Technologies APS1056IGV-0.6-T1 Datasheet HTML 6Page - Advanced Analogic Technologies APS1056IGV-0.6-T1 Datasheet HTML 7Page - Advanced Analogic Technologies APS1056IGV-0.6-T1 Datasheet HTML 8Page - Advanced Analogic Technologies APS1056IGV-0.6-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Typical Characteristics
Efficiency vs. Load
(VOUT = 3.3V; L = 6.8
µµH)
Output Current (mA)
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
DC Regulation
(VOUT = 3.3V; L = 6.8µH)
Output Current (mA)
-1.0
-0.5
0.0
0.5
1.0
0.1
1
10
100
1000
VIN = 5.0V
VIN = 4.2V
VIN = 3.6V
Efficiency vs. Load
(VOUT = 2.5V; L = 6.8
µµH)
Output Current (mA)
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 5.0V
VIN = 3.6V
VIN = 4.2V
VIN = 2.7V
DC Regulation
(VOUT = 2.5V)
Output Current (mA)
-1.0
-0.5
0.0
0.5
1.0
0.1
1
10
100
1000
VIN = 5.0V
VIN = 3.6V
VIN = 3.0V
VIN = 4.2V
Efficiency vs. Load
(VOUT = 1.8V; L = 4.7
µµH)
Output Current (mA)
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
DC Regulation
(VOUT = 1.8V)
Output Current (mA)
-1.0
-0.5
0.0
0.5
1.0
0.1
1
10
100
1000
VIN = 4.2V
VIN = 3.6V
VIN = 2.7V
APS1056
Fast Transient 600mA Step-Down Converter
APS1056.2007.04.0.9 (PRELIMINARY INFORMATION)
5


Similar Part No. - APS1056IGV-0.6-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS100DH ETC1-APS100DH Datasheet
85Kb / 2P
   18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT
APS100HD-24B-D025B ETC1-APS100HD-24B-D025B Datasheet
85Kb / 2P
   18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT
APS100HD-24B-D033B ETC1-APS100HD-24B-D033B Datasheet
85Kb / 2P
   18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT
APS100HD-24B-D033C ETC1-APS100HD-24B-D033C Datasheet
85Kb / 2P
   18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT
APS100HD-24B-D050C ETC1-APS100HD-24B-D050C Datasheet
85Kb / 2P
   18-36 VDC INPUT RANGE DC-DC CONVERTER HALF-BRICK POWER MODULES 100-150 WATTS SINGLE & DUAL OUTPUT
More results

Similar Description - APS1056IGV-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1141 SKYWORKS-AAT1141 Datasheet
2Mb / 20P
   Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1141_0810 ANALOGICTECH-AAT1141_0810 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
AAT2146 ANALOGICTECH-AAT2146 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
AAT2146 ANALOGICTECH-AAT2146_08 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2146W SKYWORKS-AAT2146W Datasheet
2Mb / 18P
   Low-Noise, Fast Transient 600mA Step-Down Converter
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com