Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX7202-15ISF Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX7202-15ISF
Description  EMI Filter & ESD Protection for Up Stream USB Ports
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7202-15ISF Datasheet(HTML) 4 Page - Microsemi Corporation

  LX7202-15ISF Datasheet HTML 1Page - Microsemi Corporation LX7202-15ISF Datasheet HTML 2Page - Microsemi Corporation LX7202-15ISF Datasheet HTML 3Page - Microsemi Corporation LX7202-15ISF Datasheet HTML 4Page - Microsemi Corporation LX7202-15ISF Datasheet HTML 5Page - Microsemi Corporation LX7202-15ISF Datasheet HTML 6Page - Microsemi Corporation LX7202-15ISF Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LX7202-xx
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
EMI Filter & ESD Protection for Up Stream USB
Ports
Copyright
© 2002
Rev. 1.0c, 2005-01-28
I N T E GRA T ED
PR ODUC T S
APPLICATION IN FORMATION (CONTINUED )
LOW SPEED DEVICE
The USB v1.1 specification offers a 1.5 Mbps data
transfer rate known as Low-Speed which requires a 1.5 k Ω
pull-up resistor to be connected to the D- line. Slew rate
control is accomplished with 47pF attached to the
transceiver before the RS.
Voltage Supply (Vbus) is connected to Pin 1
Ground is connected to Pin 6
D+ from the connector is routed to Pin 2 and Pin 5 to
the D+ line of the USB Transceiver
D- from the connector is routed to Pin 3 (1.5 kΩ pull-
up resistor) and Pin 4 to the D- line of the USB Transceiver
cable
Peripheral
USB
Transceiver
GND
D+
D-
V
BUS
16
5
4
3
2
V
BUS
D
IN
D
IN
D
OUT
D
OUT
GND
LX7202
R
PU
Host
USB
Transceiver
GND
D+
D-
V
BUS
Figure 3 –
Connection for Low Speed Operation
ELECTROMAGNETIC EMISSION AND SUSCEPTABILITY
FCC Part 15 sets limits for maximum allowable EM
emission and susceptibility. There are two types of
emissions.
Conducted emissions with frequency of
emission of 0.45 to 30 MHz and Radiated emissions with
frequency of emission of 30 MHz to 40 GHz. All digital
computing devices including the peripheral devices must
comply. Examples of peripheral devices include terminals,
printers, external floppy disk drives and other fixed
adjustable data storage devices, video monitors, keyboards,
control cards, interface boards, external memory expansion
cards and other input/output devices that may or may not
contain digital circuitry. LX7202 is optimized to minimize
the radiated EMI which is the primary concern in devices
using USB. Refer to the typical filter response curve for
the attenuation characteristics of LX7202 over the
frequency range of 30KHz to 6GHz.


Similar Part No. - LX7202-15ISF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7201-15ISF MICROSEMI-LX7201-15ISF Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7201-22ISF MICROSEMI-LX7201-22ISF Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
LX7203-15ISM MICROSEMI-LX7203-15ISM Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
More results

Similar Description - LX7202-15ISF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7203 MICROSEMI-LX7203 Datasheet
315Kb / 7P
   EMI Filter & ESD Protection for Up Stream USB Ports
LX7201 MICROSEMI-LX7201 Datasheet
351Kb / 6P
   EMI Filter & ESD Protection for Down Stream USB Ports
logo
Semtech Corporation
ECLAMP1002A SEMTECH-ECLAMP1002A Datasheet
174Kb / 6P
   ESD/EMI Protection for Speaker Ports
ECLAMP3202A SEMTECH-ECLAMP3202A Datasheet
176Kb / 6P
   ESD/EMI Protection for Microphone Ports
logo
Microsemi Corporation
LX7206 MICROSEMI-LX7206 Datasheet
216Kb / 7P
   Integrated EMI Filter & ESD Protection for Earpiece Speaker & Microphone Ports
logo
ON Semiconductor
CM1240 ONSEMI-CM1240 Datasheet
79Kb / 6P
   Dual-Voltage ESD Protection Array for USB Ports
April 2010 ??Rev.3
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
ECLAMP2122S SEMTECH-ECLAMP2122S Datasheet
229Kb / 7P
   USB Downstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
STMicroelectronics
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
   EMI filter and line termination for USB upstream ports
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com