Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX5561 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX5561
Description  InGaAs - E-Mode pHEMT Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5561 Datasheet(HTML) 7 Page - Microsemi Corporation

  LX5561 Datasheet HTML 1Page - Microsemi Corporation LX5561 Datasheet HTML 2Page - Microsemi Corporation LX5561 Datasheet HTML 3Page - Microsemi Corporation LX5561 Datasheet HTML 4Page - Microsemi Corporation LX5561 Datasheet HTML 5Page - Microsemi Corporation LX5561 Datasheet HTML 6Page - Microsemi Corporation LX5561 Datasheet HTML 7Page - Microsemi Corporation LX5561 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LX5561
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2006
Rev. 1.0, 2006-12-20
InGaAs – E-Mode pHEMT Low Noise Amplifier
TM
®
PACKAGE DIMENSIONS
LL
12-Pin MLPQ Plastic (2x2mm)
e
A3
A1
A
D
E
b
L
E2
D2
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.40
0.50
0.016
0.020
A1
0.00
0.05
0.000
0.002
A3
0.15 REF
0.006 REF
b
0.15
0.25
0.006
0.010
D
2.00 BSC
0.079 BSC
D2
0.77
1.02
0.030
0.040
E
2.00 BSC
0.079 BSC
E2
0.77
1.02
0.030
0.040
e
0.40 BSC
0.016 BSC
L
0.19
0.39
0.007
0.015
Note:
1. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm(.006”) on any side.
Lead dimension shall not include solder coverage.
Recommended Land Pattern


Similar Part No. - LX5561

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5560 MICROSEMI-LX5560 Datasheet
179Kb / 8P
   InGaAs - E-Mode pHEMT Low Noise Amplifier
LX5560L MICROSEMI-LX5560L Datasheet
179Kb / 8P
   InGaAs - E-Mode pHEMT Low Noise Amplifier
More results

Similar Description - LX5561

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5560 MICROSEMI-LX5560 Datasheet
179Kb / 8P
   InGaAs - E-Mode pHEMT Low Noise Amplifier
logo
Freescale Semiconductor...
MMG20271HT1 FREESCALE-MMG20271HT1 Datasheet
552Kb / 18P
   Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
logo
NXP Semiconductors
MMG20271H NXP-MMG20271H Datasheet
476Kb / 18P
   Enhancement Mode pHEMT Technology (E--pHEMT) High Linearity Amplifier
Rev. 1, 9/2014
logo
Analog Devices
HMC751LC4 AD-HMC751LC4 Datasheet
352Kb / 6P
   SMT pHEMT LOW NOISE AMPLIFIER,
HMC374SC70E AD-HMC374SC70E Datasheet
530Kb / 6P
   GaAs pHEMT LOW NOISE AMPLIFIER
HMC517LC4 AD-HMC517LC4 Datasheet
1Mb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
logo
NXP Semiconductors
MML20242H NXP-MML20242H Datasheet
637Kb / 20P
   Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 2, 9/2014
logo
Freescale Semiconductor...
MML20211HT1 FREESCALE-MML20211HT1 Datasheet
513Kb / 20P
   Enhancement Mode pHEMT Technology (E--pHEMT)
logo
NXP Semiconductors
MML25231HT1 NXP-MML25231HT1 Datasheet
418Kb / 18P
   Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 0, 4/2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com