Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX5503E Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX5503E
Description  InGaP HBT 4 - 6GHz Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5503E Datasheet(HTML) 9 Page - Microsemi Corporation

  LX5503E Datasheet HTML 1Page - Microsemi Corporation LX5503E Datasheet HTML 2Page - Microsemi Corporation LX5503E Datasheet HTML 3Page - Microsemi Corporation LX5503E Datasheet HTML 4Page - Microsemi Corporation LX5503E Datasheet HTML 5Page - Microsemi Corporation LX5503E Datasheet HTML 6Page - Microsemi Corporation LX5503E Datasheet HTML 7Page - Microsemi Corporation LX5503E Datasheet HTML 8Page - Microsemi Corporation LX5503E Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LX5503E
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
InGaP HBT 4 – 6GHz Power Amplifier
Copyright
© 2000
Rev. 1.2d, 2005-08-18
TM
®
NOTES
PRODUCTION DATA – Information contained in this document is proprietary to Microsemi and is
current as of application date. This document may not be modified in any way without the express
written consent of Microsemi.
Product processing does not necessarily include testing of all
parameters. Microsemi reserves the right to change the configuration and performance of the product
and to discontinue product at any time.


Similar Part No. - LX5503E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5503 MICROSEMI-LX5503 Datasheet
473Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
LX5503 MICROSEMI-LX5503 Datasheet
428Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
LX5503-LQ MICROSEMI-LX5503-LQ Datasheet
473Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
LX5503LQ MICROSEMI-LX5503LQ Datasheet
428Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
LX5503LQ-TR MICROSEMI-LX5503LQ-TR Datasheet
428Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
More results

Similar Description - LX5503E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5506E MICROSEMI-LX5506E Datasheet
326Kb / 7P
   InGaP HBT 4 - 6GHz Power Amplifier
LX5506B MICROSEMI-LX5506B Datasheet
200Kb / 7P
   InGaP HBT 4 6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M_09 Datasheet
74Kb / 2P
   InGaP HBT 4.5 ??6GHz Power Amplifier
LX5503 MICROSEMI-LX5503 Datasheet
473Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
LX5503 MICROSEMI-LX5503_05 Datasheet
428Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M Datasheet
71Kb / 2P
   InGaP HBT 4.5 - 6GHz Power Amplifier
LX5506 MICROSEMI-LX5506 Datasheet
506Kb / 10P
   InGaP HBT 4.5 - 6GHz Power Amplifier
logo
RF Micro Devices
SBB-4000 RFMD-SBB-4000 Datasheet
199Kb / 6P
   0.05GHZ TO 6GHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-5000 RFMD-SBB-5000 Datasheet
201Kb / 6P
   0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5000 RFMD-SBB5000 Datasheet
155Kb / 6P
   0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com