Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1973AIDR Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1973AIDR
Description  Automotive Light Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1973AIDR Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1973AIDR Datasheet HTML 2Page - Microsemi Corporation LX1973AIDR Datasheet HTML 3Page - Microsemi Corporation LX1973AIDR Datasheet HTML 4Page - Microsemi Corporation LX1973AIDR Datasheet HTML 5Page - Microsemi Corporation LX1973AIDR Datasheet HTML 6Page - Microsemi Corporation LX1973AIDR Datasheet HTML 7Page - Microsemi Corporation LX1973AIDR Datasheet HTML 8Page - Microsemi Corporation LX1973AIDR Datasheet HTML 9Page - Microsemi Corporation LX1973AIDR Datasheet HTML 10Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LX1973A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2005
Rev. 1.1, 2006-12-15
Automotive Light Sensor
TM
®
PACKAGE DIMENSIONS
DU
8-Pin Miniature Shrink Outline Package (MSOP)
A1
L
E
L1
E1
b
e
S
A
D
c Θ
Top View
Side Views
PIN # NAME
1VDD
2N.C.
3N.C.
4OUT
5N.C.
6N.C.
7N.C.
8VSS
12
3
4
5
6
7
8
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
1.10
0.043
A1
0.05
0.15
0.002
0.006
b
0.26
0.41
0.010
0.016
c
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
e
0.65 BSC
0.025 BSC
E
4.75
5.05
0.187
0.198
E1
2.90
3.10
0.114
0.122
L
0.41
0.71
0.016
0.028
L1
0.95 BSC
0.037 BSC
S
0.525 BSC
0.021 BSC
Θ
DR 8-Pin Miniature Shrink Outline Package (MSOP) Reversed Form
E
A
0.12
E1
D
e
b
A1
c
Ø
L1
L
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
-
1.100
-
0.043
A1
0.050
0.150
0.002
0.006
b
0.280
0.380
0.011
0.015
C
0.130
0.230
0.005
0.009
D
2.900
3.100
0.114
0.122
E
4.750
5.050
0.187
0.198
E1
2.900
3.100
0.114
0.122
e
0.650 BSC
0.025 BSC
L
0.406
0.686
0.016
0.027
L1
0.940 REF
0.037 REF
Ø
Note:
Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm(.006”) on any side.
Lead dimension shall not include solder coverage.


Similar Part No. - LX1973AIDR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1973AIDR MICROSEMI-LX1973AIDR Datasheet
244Kb / 10P
   Automotive Light Sensor
LX1973AIDR-TR MICROSEMI-LX1973AIDR-TR Datasheet
244Kb / 10P
   Automotive Light Sensor
More results

Similar Description - LX1973AIDR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1973 MICROSEMI-LX1973 Datasheet
293Kb / 7P
   Automotive Light Sensor
LX1973A MICROSEMI-LX1973A_09 Datasheet
244Kb / 10P
   Automotive Light Sensor
LX1973B MICROSEMI-LX1973B Datasheet
249Kb / 8P
   Automotive Light Sensor TM
LX1970 MICROSEMI-LX1970_08 Datasheet
440Kb / 10P
   Visible Light Sensor
logo
Everlight Electronics C...
ALS-PDIC243-3B EVERLIGHT-ALS-PDIC243-3B Datasheet
209Kb / 8P
   Ambient Light Sensor
logo
KODENSHI_AUK CORP.
KVS-2023 KODENSHI-KVS-2023 Datasheet
134Kb / 2P
   Visible Light Sensor
logo
New Japan Radio
NJL7502L NJRC-NJL7502L Datasheet
248Kb / 7P
   Ambient Light Sensor
logo
California Eastern Labs
PH5553A2NA1 CEL-PH5553A2NA1 Datasheet
663Kb / 13P
   Ambient Light Sensor
logo
Microsemi Corporation
LX1970 MICROSEMI-LX1970 Datasheet
438Kb / 10P
   Visible Light Sensor
logo
Everlight Electronics C...
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C_15 Datasheet
304Kb / 13P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com