Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89WHR50LFTR Datasheet(PDF) 1 Page - Bi technologies

Part # 89WHR50LFTR
Description  3/4 Rectangular Multiturn Cermet Trimming Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

89WHR50LFTR Datasheet(HTML) 1 Page - Bi technologies

  89WHR50LFTR Datasheet HTML 1Page - Bi technologies 89WHR50LFTR Datasheet HTML 2Page - Bi technologies 89WHR50LFTR Datasheet HTML 3Page - Bi technologies 89WHR50LFTR Datasheet HTML 4Page - Bi technologies 89WHR50LFTR Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
1-77
Model 89
ELECTRICAL
Standard Resistance Range, Ohms
10 to 2Meg
Standard Resistance Tolerance
±10% (<100 Ohms = ±20%)
Input Voltage, Maximum
200 Vdc or rms not to exceed power rating
Slider Current, Maximum
100mA or within rated power, whichever is less
Power Rating, Watts
0.75 at 85°C derating to 0 at 125°C
End Resistance, Maximum
2 Ohms
Actual Electrical Travel, Turns, Nominal
20
Dielectric Strength
1,000 Vrms
Insulation Resistance, Minimum
1,000 Megohms
Resolution
Essentially infinite
Contact Resistance Variation, Maximum
1% or 1 Ohm, whichever is greater
ENVIRONMENTAL
Seal
85°C Fluorinert® (No Leaks)
Temperature Coefficient, Maximum
±100ppm/°C
Operating Temperature Range
–55°C to +125°C
Thermal Shock
5 cycles, –55°C to +125°C (1%
∆RT, 1% ∆VR)
Moisture Resistance
Ten 24 hour cycles (1%
∆RT, IR 100 Megohms Min.)
Shock, 6ms Sawtooth
100G’s (1%
∆RT, 1% ∆VR)
Vibration
20G’s, 10 to 2,000 Hz (1%
∆RT, 1% ∆VR)
High Temperature Exposure
250 hours at 125°C (2%
∆RT, 2% ∆VR)
Rotational Life
200 cycles (3%
∆RT)
Load Life at 0.5 Watts
1,000 hours at 70°C (2%
∆RT)
Resistance to Solder Heat
260°C for 10 sec. (1%
∆RT)
MECHANICAL
Mechanical Stops
Clutch Action, both ends
Torque, Starting Maximum
5 oz.-in. (0.035 N-m)
Weight, Nominal
.05 oz. (1.4 grams)
MODEL 89
3/4” Rectangular
Multiturn
Cermet Trimming
Potentiometer
Fluorinert® is a registered trademark of 3M Company.
Specifications subject to change without notice.


Similar Part No. - 89WHR50LFTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
89WH BITECH-89WH Datasheet
85Kb / 6P
   MODEL 89 3/4 Rectangular Multiturn Cermet Trimming Potentiometer
More results

Similar Description - 89WHR50LFTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
89PR10KLF BITECH-89PR10KLF_12 Datasheet
72Kb / 5P
   3/4 Rectangular Multiturn Cermet Trimming Potentiometer
89XR2K BITECH-89XR2K Datasheet
85Kb / 6P
   MODEL 89 3/4 Rectangular Multiturn Cermet Trimming Potentiometer
78PBWR10KLF BITECH-78PBWR10KLF_12 Datasheet
69Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
78PR10KLF BITECH-78PR10KLF Datasheet
62Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com