Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1973AIDU Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1973AIDU
Description  Automotive Light Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1973AIDU Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1973AIDU Datasheet HTML 1Page - Microsemi Corporation LX1973AIDU Datasheet HTML 2Page - Microsemi Corporation LX1973AIDU Datasheet HTML 3Page - Microsemi Corporation LX1973AIDU Datasheet HTML 4Page - Microsemi Corporation LX1973AIDU Datasheet HTML 5Page - Microsemi Corporation LX1973AIDU Datasheet HTML 6Page - Microsemi Corporation LX1973AIDU Datasheet HTML 7Page - Microsemi Corporation LX1973AIDU Datasheet HTML 8Page - Microsemi Corporation LX1973AIDU Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LX1973A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2005
Rev. 1.1, 2006-12-15
Automotive Light Sensor
TM
®
ABSOLUTE MAXIMUM RATINGS
VDD ................................................................................................................. -0.3 to 6 VDC
SNK/SRC (Output Compliance Voltage)........................................... -0.3 to VDD + 0.3VDC
SNK/SRC (Maximum Output Current)................................................... Internally Limited
Operating Temperature Range ........................................................................ -40 to +85°C
Storage Temperature Range.......................................................................... -40 to +100°C
RoHS / Pb-free Peak Package Solder Reflow Temperature
(40 seconds maximum exposure).................................................................... 260° (+0, -5)
Notes: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
Solder reflow to follow: IPC/JEDEC J-STD-020B 7/02 Pb-SN Small Body Profile
TH ERMAL DATA
DR Plastic MSOP 8-Pin Reverse Form
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
39
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
206
°C/W
DU Plastic MSOP 8-Pin
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
39
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
206
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
FUNCTIONAL PIN DESCRIPTION
Name
Description
VDD
Power Supply Voltage
VSS
Ground Reference for Power and Signal Output
OUT
Output Current
PACKAGE PIN OUT
VDD
N.C.
N.C.
OUT
VSS
N.C.
N.C.
N.C.
DU PACKAGES
(Top View)
VDD
N.C.
N.C.
OUT
VSS
N.C.
N.C.
N.C.
PACKAGE MARKING
(Bottom View)
VDD
N.C.
N.C.
OUT
VSS
N.C.
N.C.
N.C.
PACKAGE MARKING
(Top View)
VDD
N.C.
N.C.
OUT
VSS
N.C.
N.C.
N.C.
DR PACKAGES
(Bottom View)
RoHS / Pb-free 100% NiPdAu Finish
SIMPLIFIED BLOCK DIAGRAM
Com-
pression
Amplifier
VDD
GND
OUT
Pre
Amplifier
Photopic
Sensor with
Dark Current
Cancellation
Figure 1 –
Simplified block Diagram


Similar Part No. - LX1973AIDU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1973AIDU MICROSEMI-LX1973AIDU Datasheet
244Kb / 10P
   Automotive Light Sensor
LX1973AIDU-TR MICROSEMI-LX1973AIDU-TR Datasheet
244Kb / 10P
   Automotive Light Sensor
More results

Similar Description - LX1973AIDU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1973 MICROSEMI-LX1973 Datasheet
293Kb / 7P
   Automotive Light Sensor
LX1973A MICROSEMI-LX1973A_09 Datasheet
244Kb / 10P
   Automotive Light Sensor
LX1973B MICROSEMI-LX1973B Datasheet
249Kb / 8P
   Automotive Light Sensor TM
LX1970 MICROSEMI-LX1970_08 Datasheet
440Kb / 10P
   Visible Light Sensor
logo
Everlight Electronics C...
ALS-PDIC243-3B EVERLIGHT-ALS-PDIC243-3B Datasheet
209Kb / 8P
   Ambient Light Sensor
logo
KODENSHI_AUK CORP.
KVS-2023 KODENSHI-KVS-2023 Datasheet
134Kb / 2P
   Visible Light Sensor
logo
New Japan Radio
NJL7502L NJRC-NJL7502L Datasheet
248Kb / 7P
   Ambient Light Sensor
logo
California Eastern Labs
PH5553A2NA1 CEL-PH5553A2NA1 Datasheet
663Kb / 13P
   Ambient Light Sensor
logo
Microsemi Corporation
LX1970 MICROSEMI-LX1970 Datasheet
438Kb / 10P
   Visible Light Sensor
logo
Everlight Electronics C...
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C_15 Datasheet
304Kb / 13P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com