Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89XR50LFTR Datasheet(PDF) 5 Page - Bi technologies

Part # 89XR50LFTR
Description  3/4 Rectangular Multiturn Cermet Trimming Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

89XR50LFTR Datasheet(HTML) 5 Page - Bi technologies

  89XR50LFTR Datasheet HTML 1Page - Bi technologies 89XR50LFTR Datasheet HTML 2Page - Bi technologies 89XR50LFTR Datasheet HTML 3Page - Bi technologies 89XR50LFTR Datasheet HTML 4Page - Bi technologies 89XR50LFTR Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1
1-81
Model 89
ORDERING INFORMATION
89 P R 10K LF
Model Series
(Use Model 90 to order
with transparent housing)
Pin Style
RoHS Compliant Product Code - Optional
Resistance Value
Resistance Prefix
89 P R 10K LF TB
Pin Style
Packaging Option:
TB = Tubes
(Models 89P, 89PH, 89X, 89H, 90P Only.)
89 P B R 10K LF
Pin Style
Panel Mount Adapter
(Use 89B to order
Adapter without
Trimmer)
Standard:
Option:
Option:
CIRCUIT DIAGRAM
(1)
(2)
(3)
CW
NOTES
mm
INCH
Metric equivalents, based on 1 inch = 25.4mm are
rounded to the same number of significant figures
as in the original English units and are provided for
general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches (.25mm)
Angular = ± 2 degrees


Similar Part No. - 89XR50LFTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
89XR2K BITECH-89XR2K Datasheet
85Kb / 6P
   MODEL 89 3/4 Rectangular Multiturn Cermet Trimming Potentiometer
More results

Similar Description - 89XR50LFTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
89PR10KLF BITECH-89PR10KLF_12 Datasheet
72Kb / 5P
   3/4 Rectangular Multiturn Cermet Trimming Potentiometer
89XR2K BITECH-89XR2K Datasheet
85Kb / 6P
   MODEL 89 3/4 Rectangular Multiturn Cermet Trimming Potentiometer
78PBWR10KLF BITECH-78PBWR10KLF_12 Datasheet
69Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
78PR10KLF BITECH-78PR10KLF Datasheet
62Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com