Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1673-03CPW Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1673-03CPW
Description  High Frequency PWM Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1673-03CPW Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1673-03CPW Datasheet HTML 1Page - Microsemi Corporation LX1673-03CPW Datasheet HTML 2Page - Microsemi Corporation LX1673-03CPW Datasheet HTML 3Page - Microsemi Corporation LX1673-03CPW Datasheet HTML 4Page - Microsemi Corporation LX1673-03CPW Datasheet HTML 5Page - Microsemi Corporation LX1673-03CPW Datasheet HTML 6Page - Microsemi Corporation LX1673-03CPW Datasheet HTML 7Page - Microsemi Corporation LX1673-03CPW Datasheet HTML 8Page - Microsemi Corporation LX1673-03CPW Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2004
Rev 1.0, 3/18/2005
LX1673
High Frequency PWM Regulator
PRODUCTION DATA SHEET
TM
®
ABSOLUTE MAXI MUM RATI NGS
Supply Voltage (VCC) DC................................................................-0.3V to 5.5V
Supply Voltage (VCC) Transient .........................................................-0.3V to 6V
Driver Supply Voltage (VCCL) DC .....................................................-0.3V to 13V
Driver Supply Voltage (VCCL) Transient............................................-0.3V to 16V
Driver Supply Voltage (VC1) DC .......................................................-0.3V to 19V
Input Voltage (SS/DIS) .....................................................................-0.3V to 5.5V
Output Drive Peak Current Source (HO, LO).......................................1A (500ns)
Output Drive Peak Current Sink (HO, LO) ..........................................1A (500ns)
Operating Temperature Range .........................................................-40°C to 85°C
Maximum Operating Junction Temperature ................................................ 150°C
Storage Temperature Range...........................................................-65°C to 150°C
Lead Temperature (Soldering 180 seconds) ................................................ 235°C
Package Peak Temp. for Solder Reflow (40 Seconds Maximum Exposure).. 260°C(+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
The limitation on transient time is thermal and is due to zener diodes on the supply
pins, application of maximum voltages will increase current into that pin and
increase package power dissipation.
TH ERM A L DATA
PW
Plastic TSSOP 20-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
90
°C/W
LQ
Plastic MLPQ 20-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
35°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJC).
The θJA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no airflow.
PACKAGE PIN OUT
LDGD
LDFB
LDDIS
DGND
AGND
CS
VS
VCC
VCCL
BDRV
1
6
11
16
LQ PACKAGE
(Top View)
N.C. – No Internal Connection
N/U – Not Used
RSVD – Do Not Use
VC1
PGOOD
LDOVCC
LDGD
LDFB
LDDIS
DGND
AGND
EAO
CS
VS
VCC
VCCL
BDRV
PGND
TDRV
1
10
11
20
DIS
SS
EA+
EA-
PW PACKAGE
(Top View)
Pb-free 100% Matte Tin Lead Finish


Similar Part No. - LX1673-03CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1670 MICROSEMI-LX1670 Datasheet
192Kb / 7P
   5 - BIT PROGRAMMABLE VOTAGE REFERENCE
LX1670CD MICROSEMI-LX1670CD Datasheet
192Kb / 7P
   5 - BIT PROGRAMMABLE VOTAGE REFERENCE
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671CLQ MICROSEMI-LX1671CLQ Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671CLQ-TR MICROSEMI-LX1671CLQ-TR Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
More results

Similar Description - LX1673-03CPW

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Texas Instruments
UCC39422NG4 TI-UCC39422NG4 Datasheet
981Kb / 40P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com