Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320TCI6482ZTZA8 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320TCI6482ZTZA8
Description  Communications Infrastructure Digital Signal Processor
Download  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320TCI6482ZTZA8 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320TCI6482ZTZA8 Datasheet HTML 5Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 6Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 7Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 8Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 9Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 10Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 11Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 12Page - Texas Instruments TMS320TCI6482ZTZA8 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 255 page
background image
www.ti.com
src2
src2
.D1
.M1
.S1
.L1
long src
odd dst
src2
src1
src1
src1
src1
even dst
even dst
odd dst
dst1
dst
src2
src2
src2
long src
DA1
ST1b
LD1b
LD1a
ST1a
Data path A
Odd
register
file A
(A1, A3,
A5...A31)
Odd
register
file B
(B1, B3,
B5...B31)
.D2
src1
dst
src2
DA2
LD2a
LD2b
src2
.M2
src1
dst1
.S2
src1
even dst
long src
odd dst
ST2a
ST2b
long src
.L2
even dst
odd dst
src1
Data path B
Control Register
32 MSB
32 LSB
dst2
(A)
32 MSB
32 LSB
2x
1x
32 LSB
32 MSB
32 LSB
32 MSB
dst2
(B)
(B)
(A)
8
8
8
8
32
32
32
32
(C)
(C)
Even
register
file A
(A0, A2,
A4...A30)
Even
register
file B
(B0, B2,
B4...B30)
(D)
(D)
(D)
(D)
A. On .M unit, dst2 is 32 MSB.
B. On .M unit, dst1 is 32 LSB.
C. On C64x CPU .M unit, src2 is 32 bits; on C64x+ CPU .M unit, src2 is 64 bits.
D. On .L and .S units, odd dst connects to odd register files and even dst connects to even register files.
TMS320TCI6482
Communications Infrastructure Digital Signal Processor
SPRS246F – APRIL 2005 – REVISED MAY 2007
Figure 2-1. TMS320C64x+™ CPU (DSP Core) Data Paths
Submit Documentation Feedback
Device Overview
9


Similar Part No. - TMS320TCI6482ZTZA8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6482 TI1-TMS320TCI6482 Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482DZTZ TI1-TMS320TCI6482DZTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482DZTZ2 TI1-TMS320TCI6482DZTZ2 Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482DZTZA TI1-TMS320TCI6482DZTZA Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482GTZ TI1-TMS320TCI6482GTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
More results

Similar Description - TMS320TCI6482ZTZA8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6484CMH TI1-TMS320TCI6484CMH Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6484 TI1-TMS320TCI6484 Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI1-TMS320TCI6487_19 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI-TMS320TCI6487 Datasheet
2Mb / 206P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482GTZ TI1-TMS320TCI6482GTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320C6457CCMH TI1-TMS320C6457CCMH Datasheet
2Mb / 217P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6489 TI1-TMS320TCI6489 Datasheet
1Mb / 197P
[Old version datasheet]   TMS320TCI6489 Communications Infrastructure Digital Signal Processor
TMS320TCI6486 TI1-TMS320TCI6486 Datasheet
1Mb / 268P
[Old version datasheet]   TMS320TCI6486 Communications Infrastructure Digital Signal Processor
TMS320TCI6487ZUN TI1-TMS320TCI6487ZUN Datasheet
1Mb / 219P
[Old version datasheet]   TMS320TCI6487/8 Communications Infrastructure Digital Signal Processor
SM320C6457-HIREL TI1-SM320C6457-HIREL Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com