Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320TCI6482ZTZ Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320TCI6482ZTZ
Description  Communications Infrastructure Digital Signal Processor
Download  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320TCI6482ZTZ Datasheet(HTML) 1 Page - Texas Instruments

  TMS320TCI6482ZTZ Datasheet HTML 1Page - Texas Instruments TMS320TCI6482ZTZ Datasheet HTML 2Page - Texas Instruments TMS320TCI6482ZTZ Datasheet HTML 3Page - Texas Instruments TMS320TCI6482ZTZ Datasheet HTML 4Page - Texas Instruments TMS320TCI6482ZTZ Datasheet HTML 5Page - Texas Instruments TMS320TCI6482ZTZ Datasheet HTML 6Page - Texas Instruments TMS320TCI6482ZTZ Datasheet HTML 7Page - Texas Instruments TMS320TCI6482ZTZ Datasheet HTML 8Page - Texas Instruments TMS320TCI6482ZTZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 255 page
background image
www.ti.com
1
Features
TMS320TCI6482
Communications Infrastructure Digital Signal Processor
SPRS246F – APRIL 2005 – REVISED MAY 2007
• High-Performance Fixed-Point DSP (TCI6482)
• Four 1x Serial RapidIO® Links (or One 4x),
v1.2 Compliant
1.17- and 1-ns Instruction Cycle Time
1.25-, 2.5-, 3.125-Gbps Link Rates
850-MHz and 1-GHz Clock Rate
Message Passing, DirectIO Support, Error
Eight 32-Bit Instructions/Cycle
Mgmt Extensions, Congestion Control
8000 MIPS/MMACS (16-Bits)
IEEE 1149.6 Compliant I/Os
Commercial Temperature [0°C to 90°C]
• 32-Bit DDR2 Memory Controller (DDR2-533
Extended Temperature [-40
°C to 105°C]
SDRAM)
• TMS320C64x+™ DSP Core
• EDMA3 Controller (64 Independent Channels)
Dedicated SPLOOP Instruction
• 32-/16-Bit Host-Port Interface (HPI)
Compact Instructions (16-Bit)
Instruction Set Enhancements
• 32-Bit 33-/66-MHz, 3.3-V Peripheral Component
Interconnect (PCI) Master/Slave Interface
Exception Handling
Conforms to PCI Local Bus Specification (v2.3)
• TMS320C64x+ Megamodule L1/L2 Memory
• Two McBSPs
Architecture:
256K-Bit (32K-Byte) L1P Program Cache
• 10/100/1000 Mb/s Ethernet MAC (EMAC)
[Direct Mapped]
IEEE 802.3 Compliant
256K-Bit (32K-Byte) L1D Data Cache
Supports Multiple Media Independent
[2-Way Set-Associative]
Interfaces (MII, GMII, RMII, and RGMII)
16M-Bit (2096K-Byte) L2 Unified Mapped
8 Independent TX and RX Channels
RAM/Cache [Flexible Allocation]
• Two 64-Bit General-Purpose Timers,
256K-Bit (32K-Byte) L2 ROM
Configurable as Four 32-Bit Timers
Time Stamp Counter
• UTOPIA
• 2 RSAs for CDMA Processing
UTOPIA Level 2 Slave ATM Controller
Dedicated RAKE, PATH_SEARCH and
8-Bit Transmit and Receive Operations up
RACH_SEARCH Instructions
to 50 MHz per Direction
Transmit Processing Capability
User-Defined Cell Format up to 64 Bytes
• Enhanced VCP2
• VLYNQ™ Port
Supports Over 694 7.95-Kbps AMR
Full Duplex Serial Bus
Programmable Code Parameters
Up to 4-Bit Transmit, 4-Bit Receive
• Enhanced Turbo Decoder Coprocessor (TCP2)
Up to 125-MHz Operation
Supports up to Eight 2-Mbps 3GPP
• 16 General-Purpose I/O (GPIO) Pins
(6 Iterations)
• System PLL and PLL Controller
Programmable Turbo Code and Decoding
• Secondary PLL and PLL Controller, Dedicated
Parameters
to EMAC and DDR2 Memory Controller
• Endianess: Little Endian, Big Endian
• Advanced Event Triggering (AET) Compatible
• 64-Bit External Memory Interface (EMIFA)
• Trace-Enabled Device
Glueless Interface to Asynchronous
Memories (SRAM, Flash, and EEPROM) and
• IEEE-1149.1 (JTAG™)
Synchronous Memories (SBSRAM, ZBT
Boundary-Scan-Compatible
SRAM)
• 697-Pin Ball Grid Array (BGA) Package
Supports Interface to Standard Sync
(ZTZ or GTZ Suffix), 0.8-mm Ball Pitch
Devices and Custom Logic (FPGA, CPLD,
• 0.09-µm/7-Level Cu Metal Process (CMOS)
ASICs, etc.)
• 3.3-/1.8-/1.5-/1.25-/1.2-V I/Os,
32M-Byte Total Addressable External
Memory Space
1.25-/1.2-V Internal
• One Inter-Integrated Circuit (I2C) Bus
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320TCI6482ZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6482 TI1-TMS320TCI6482 Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482DZTZ TI1-TMS320TCI6482DZTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482DZTZ2 TI1-TMS320TCI6482DZTZ2 Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482DZTZA TI1-TMS320TCI6482DZTZA Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482GTZ TI1-TMS320TCI6482GTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
More results

Similar Description - TMS320TCI6482ZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6484CMH TI1-TMS320TCI6484CMH Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6484 TI1-TMS320TCI6484 Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI1-TMS320TCI6487_19 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI-TMS320TCI6487 Datasheet
2Mb / 206P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482GTZ TI1-TMS320TCI6482GTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320C6457CCMH TI1-TMS320C6457CCMH Datasheet
2Mb / 217P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6489 TI1-TMS320TCI6489 Datasheet
1Mb / 197P
[Old version datasheet]   TMS320TCI6489 Communications Infrastructure Digital Signal Processor
TMS320TCI6486 TI1-TMS320TCI6486 Datasheet
1Mb / 268P
[Old version datasheet]   TMS320TCI6486 Communications Infrastructure Digital Signal Processor
TMS320TCI6487ZUN TI1-TMS320TCI6487ZUN Datasheet
1Mb / 219P
[Old version datasheet]   TMS320TCI6487/8 Communications Infrastructure Digital Signal Processor
SM320C6457-HIREL TI1-SM320C6457-HIREL Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com