Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93PR2MEGLF Datasheet(PDF) 2 Page - Bi technologies

Part # 93PR2MEGLF
Description  1/2 Diameter Single Turn Cermet Trimming Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

93PR2MEGLF Datasheet(HTML) 2 Page - Bi technologies

  93PR2MEGLF Datasheet HTML 1Page - Bi technologies 93PR2MEGLF Datasheet HTML 2Page - Bi technologies 93PR2MEGLF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 93
1-88
TOP ADJUSTMENT (Inch/mm)
10
0
50
Slot .250
± .005/6.350 ± 0.127 Long
X .030
X .035
/0.762
/0.889
+.000
– .005
+.000
– .005
Wide
Deep
+0.000
– 0.127
+0.000
– 0.127
Arrow And Graduations
In Contrasting Color
.028
± .003/0.711 ± 0.076 Dia
Solderable Terminal Pins
(2)
(3)
.10
2.54
.10
2.54
.20
5.08
.50
12.70
Dia
(1)
Standoff
Feet
Resistance Marked
On This Surface
.18
4.57
Min
.25
6.35
Max
STANDARD RESISTANCE VALUES, OHMS
20
200
2K
20K
100K
500K
50
500
5K
25K
200K
1Meg
100
1K
10K
50K
250K
2Meg


Similar Part No. - 93PR2MEGLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
93PR10KLF TTELEC-93PR10KLF Datasheet
613Kb / 3P
   SINGLE TURN TRIMMER
logo
Bi technologies
93PR10KLF BITECH-93PR10KLF_12 Datasheet
55Kb / 3P
   1/2 Diameter Single Turn Cermet Trimming Potentiometer
More results

Similar Description - 93PR2MEGLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
93PR10KLF BITECH-93PR10KLF_12 Datasheet
55Kb / 3P
   1/2 Diameter Single Turn Cermet Trimming Potentiometer
62PR10KLF BITECH-62PR10KLF Datasheet
56Kb / 3P
   1/4 Diameter Single Turn Cermet Trimming Potentiometer
82PR10KLF BITECH-82PR10KLF Datasheet
62Kb / 4P
   1/4 Diameter Single Turn Cermet Trimming Potentiometer
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
   4mm Diameter Single Turn Cermet Trimming Potentiometer
91PR10KLF BITECH-91PR10KLF Datasheet
69Kb / 4P
   3/8 Diameter Single Turn Cermet Trimming Potentiometer
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
   1/4??Square Single Turn Cermet Trimming Potentiometer
83PR10KLF BITECH-83PR10KLF Datasheet
55Kb / 3P
   1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
   3/8 Square Single Turn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
37PR10KLF BITECH-37PR10KLF Datasheet
163Kb / 3P
   9 mm Single-Turn Open Frame Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com