Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC173ADRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LBC173ADRG4
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC173ADRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LBC173ADRG4 Datasheet HTML 1Page - Texas Instruments SN65LBC173ADRG4 Datasheet HTML 2Page - Texas Instruments SN65LBC173ADRG4 Datasheet HTML 3Page - Texas Instruments SN65LBC173ADRG4 Datasheet HTML 4Page - Texas Instruments SN65LBC173ADRG4 Datasheet HTML 5Page - Texas Instruments SN65LBC173ADRG4 Datasheet HTML 6Page - Texas Instruments SN65LBC173ADRG4 Datasheet HTML 7Page - Texas Instruments SN65LBC173ADRG4 Datasheet HTML 8Page - Texas Instruments SN65LBC173ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN65LBC173A, SN75LBC173A
QUADRUPLE RS485 DIFFERENTIAL LINE RECEIVERS
SLLS456B − NOVEMBER 2000 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Designed for TIA/EIA-485, TIA/EIA-422, and
ISO 8482 Applications
D Signaling RateExceeding 50 Mbps
D Fail-Safe in Bus Short-Circuit, Open-Circuit,
and Idle-Bus Conditions
D ESD Protection on Bus Inputs
Exceeds 6 kV
D Common-Mode Bus Input Range
–7 V to 12 V
D Propagation Delay Times <16 ns
D Low Standby Power Consumption <20 µA
D Pin-Compatible Upgrade for AM26LS32,
DS96F173, LTC488, and SN75173
description
The SN65LBC173A and SN75LBC173A are
quadruple differential line receivers with 3-state
outputs, designed for TIA/EIA-485 (RS-485),
TIA/EIA-422 (RS-422), and ISO 8482 (Euro
RS-485) applications.
These devices are optimized for balanced
multipoint bus communication at data rates up to
and exceeding 50 million bits per second. The
transmission media may be twisted-pair cables,
printed-circuit board traces, or backplanes. The
ultimate rate and distance of data transfer is
dependent upon the attenuation characteristics of
the media and the noise coupling to the
environment.
Each receiver operates over a wide range of positive and negative common-mode input voltages, and features
ESD protection to 6 kV, making it suitable for high-speed multipoint data transmission applications in harsh
environments. These devices are designed using LinBiCMOS
t, facilitating low power consumption and
robustness.
The G and G inputs provide enable control logic for either positive- or negative-logic enabling all four drivers.
When disabled or powered off, the receiver inputs present a high-impedance to the bus for reduced system
loading.
The SN75LBC173A is characterized for operation over the temperature range of 0
°C to 70°C. The
SN65LBC173A is characterized over the temperature range from −40
°C to 85°C.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments.
†The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
logic diagram
G
G
1A
1B
1Y
2A
2B
2Y
3A
3B
3Y
4A
4B
4Y
SN65LBC173A (Marked as 65LBC173A)
SN75LBC173A (Marked as 75LBC173A)
D or N PACKAGE
(TOP VIEW)


Similar Part No. - SN65LBC173ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC173AD TI-SN65LBC173AD Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LBC173ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A TI-SN65LBC173A_08 Datasheet
572Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A_08 Datasheet
535Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A_07 Datasheet
474Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com