Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3858 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3858
Description  Quasi-split sound processor for all standards
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3858 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3858 Datasheet HTML 3Page - NXP Semiconductors TDA3858 Datasheet HTML 4Page - NXP Semiconductors TDA3858 Datasheet HTML 5Page - NXP Semiconductors TDA3858 Datasheet HTML 6Page - NXP Semiconductors TDA3858 Datasheet HTML 7Page - NXP Semiconductors TDA3858 Datasheet HTML 8Page - NXP Semiconductors TDA3858 Datasheet HTML 9Page - NXP Semiconductors TDA3858 Datasheet HTML 10Page - NXP Semiconductors TDA3858 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
June 1994
7
Philips Semiconductors
Product specification
Quasi-split sound processor for all standards
TDA3858
CHARACTERISTICS
VP = 5 V (pin 27) and Tamb = +25 °C; measurements taken in Fig.3 with fVC = 38.9 MHz, fSC1 = 33.4 MHz and
fSC2 = 33.158 MHz. Vision carrier (VC) modulated with different video signals, modulation depth 100% (proportional to
10% residual carrier).
Vision carrier amplitude (RMS value) Vi VC = 10 mV; vision to sound carrier ratios are VC/SC1 = 13 dB and
VC/SC2 = 20 dB. Sound carriers (SC1, SC2) modulated with f = 1 kHz and deviation
∆f = 50 kHz, unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP1
supply voltage (pin 27)
pin 28 not
connected
4.5
5
8.8
V
VP2
supply voltage (pin 28)
pin 27 not
connected
10.8
12
13.2
V
IP1
supply current (pin 27)
VP1 =5 V
48
60
72
mA
IF source control (pin 6)
V6
input voltage in order to obtain
standards
B/G (FM) with automatic muting
pin 6 connected
2.8
VP1
V
pin 6 open-circuit
2.8
V
B/G (FM) without muting
pin 6 connected or
alternative
measure: 22 k
Ω to
GND
1.3
2.3
V
L(AM sound)
pin 6 connected
0
0.8
V
I6
input current
V6 = VP1
−−
100
µA
V6 =0 V
−−
−300
µA
V6(12 V)
maximum input voltage (pin 6)
supply at pin 28
−−
5.5
V
IF input not activated (pins 1-2 or 31-32)
RI
input resistance
−−
100
VI
DC input voltage (pins 1, 2 or 31, 32) LOW set internally
−−
0.1
V
α
16-17
crosstalk attenuation of IF input
switch
note 1
50
56
dB
IF amplifier (pins 1-2 or 31-32)
RI
input resistance
1.8
2.2
k
CI
input capacitance
2.0
2.6
pF
VI
DC potential, voltage (pins 1, 2, 31,
32)
1.75
V
Vi IF (RMS)
maximum input signal (RMS value)
Vo = +1 dB
70
100
mV
input signal sensitivity B/G standard
(RMS value, pins 31-32)
−3 dB intercarrier
signal reduction at
pin 23
70
100
µV
input signal sensitivity L standard
(RMS value, pin 1-2)
−3 dB intercarrier
signal reduction at
pin 11
70
100
µV


Similar Part No. - TDA3858

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
   TV IF amplifier and demodulator with TV-identification
January 1992
TDA3856 PHILIPS-TDA3856 Datasheet
152Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3856T PHILIPS-TDA3856T Datasheet
152Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
More results

Similar Description - TDA3858

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3856 PHILIPS-TDA3856 Datasheet
152Kb / 17P
   Quasi-split sound processor for all standards
June 1994
TDA3866 PHILIPS-TDA3866 Datasheet
132Kb / 16P
   Quasi-split sound processor for all standards
January 1992
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
TDA3867T PHILIPS-TDA3867T Datasheet
113Kb / 14P
   Quasi-split sound processor with two FM demodulators
January 1992
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
logo
EPCOS
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3568M EPCOS-M3568M Datasheet
101Kb / 8P
   IF Filter for Quasi/Split Sound Applications
K3350K EPCOS-K3350K Datasheet
104Kb / 8P
   IF Filter for Quasi/Split Sound Applications
logo
List of Unclassifed Man...
TDA2556 ETC-TDA2556 Datasheet
269Kb / 6P
   QUASI SPLIT SOUND CIRCUIT WITH DUAL SOUND DEMODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com