Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPR-16 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # EPR-16
Description  Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-16 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button EPR-16 Datasheet HTML 3Page - Power Integrations, Inc. EPR-16 Datasheet HTML 4Page - Power Integrations, Inc. EPR-16 Datasheet HTML 5Page - Power Integrations, Inc. EPR-16 Datasheet HTML 6Page - Power Integrations, Inc. EPR-16 Datasheet HTML 7Page - Power Integrations, Inc. EPR-16 Datasheet HTML 8Page - Power Integrations, Inc. EPR-16 Datasheet HTML 9Page - Power Integrations, Inc. EPR-16 Datasheet HTML 10Page - Power Integrations, Inc. EPR-16 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
17-May-04
EPR-16 – LinkSwitch 2.75 W Charger/Adapter
3 Schematic
Figure 5 – EP-16 Low Cost, 2.75 W LinkSwitch Cell Phone Charger Schematic.
Optional components L2, C6 and R4 may be fitted to the board to improve radiated EMI.
The effect of these components is shown in the “Conducted EMI Results” section of this
document.
Optional component R3 may be fitted in place of L1 in applications where conducted EMI
is filtered externally (e.g. in an embedded system). In this case a 0
Ω resistor or jumper
should be used. In low power applications (less than approximately 1.5 W), a low value
resistor may be used to provide sufficient conducted EMI filtering. A value in the range of
0
Ω to 10 Ω may be used.
Page 7 of 36
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com


Similar Part No. - EPR-16

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-12 POWERINT-EPR-12 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP-12 - 145 W PC Forward Converter with TOP247 and 10 W 5 V Output Standby Flyback with TNY266
EPR-18 POWERINT-EPR-18 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
More results

Similar Description - EPR-16

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
   Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-73 POWERINT-EPR-73 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-73 - 2.3 W CV/CC Charger/Adapter Using LinkSwitch짰-HF (LNK354P)
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
   Engineering Prototype Report for EP-91 - 12 W Power Supply using
EPR-89 POWERINT-EPR-89 Datasheet
1Mb / 32P
   Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
   Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
EPR-71 POWERINT-EPR-71 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP 71 - 6.6 W DC-DC Converter Using DPA Switch- (DPA423G)
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
   Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
EPR-68 POWERINT-EPR-68 Datasheet
2Mb / 28P
   Engineering Prototype Report for EP 68 - 6.6 W DC-DC Flyback Converter Using DPA-Switch- (DPA423G)
EPR-33 POWERINT-EPR-33 Datasheet
650Kb / 32P
   Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com