Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPR-00015 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # EPR-00015
Description  3W, Universal Input, Single Output, Isolated Converter with TNY254 (EP-15)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-00015 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button EPR-00015 Datasheet HTML 2Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 3Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 4Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 5Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 6Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 7Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 8Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 9Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Engineering Prototype Report
EPR-00015
Page 6 of 24
5.0 Layout
Fig.5.1. Board size (L57mm x W27mm x H20mm)
-
For the drain-to-source voltage waveforms connect the high voltage probe tip to TP2 and the
probe ground to test point TP1.
-
For switching current waveforms replace jumper TP2 with a wire loop and use a Tektronix
A6302 current probe and AM503 current probe amplifier (with TM501 power module) or
equivalent.
TP1 (U1-S)
TP2 (U1-D)
+12Vdc
RTN


Similar Part No. - EPR-00015

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-00010 POWERINT-EPR-00010 Datasheet
518Kb / 24P
   15W, Universal Input, Single Output, Isolated Converter with TOP233Y
EPR-00011 POWERINT-EPR-00011 Datasheet
1Mb / 46P
   Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
More results

Similar Description - EPR-00015

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
3ACMW GAPTEC-3ACMW Datasheet
2Mb / 5P
   3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACM GAPTEC-3ACM Datasheet
1Mb / 5P
   3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACA GAPTEC-3ACA Datasheet
1Mb / 5P
   3W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACE GAPTEC-3ACE Datasheet
3Mb / 5P
   3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACOS GAPTEC-3ACOS Datasheet
1Mb / 4P
   3W - Single output AC-DC converter - Universal input - Non-isolated
logo
Power Integrations, Inc...
EPR-00010 POWERINT-EPR-00010 Datasheet
518Kb / 24P
   15W, Universal Input, Single Output, Isolated Converter with TOP233Y
logo
GAPTEC Electronic GmbH ...
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3D8W GAPTEC-3D8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3MT28A GAPTEC-3MT28A Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com