Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH8S64DBKG-8 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MH8S64DBKG-8
Description  536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH8S64DBKG-8 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MH8S64DBKG-8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH8S64DBKG-8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH8S64DBKG-8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH8S64DBKG-8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH8S64DBKG-8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH8S64DBKG-8 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH8S64DBKG-8 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH8S64DBKG-8 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH8S64DBKG-8 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
MH8S64DBKG -7,-7L,-8,-8L
536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 55 )
MITSUBISHI
ELECTRIC
17.Sep.1999
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0340-0.0
5
Serial Presence De tect Table II
31
Density of each bank on module
32MByte
08
36-61
Superset Information (may be used in future)
option
00
62
SPD Revision
63
Checksum for bytes 0-62
Check sum for -8,-8L
45
64-71
Manufactures Jedec ID code per JEP-108E
MITSUBISHI
1CFFFFFFFFFFFFFF
72
Manufacturing location
Miyoshi,Japan
01
Tajima,Japan
02
NC,USA
03
Germany
04
73-90
Manufactures Part Number
MH8S64DBKG-8
4D483853363444424B472D38202020202020
MH8S64DBKG-8L
91-92
Revision Code
PCB revision
rrrr
93-94
Manufacturing date
year/week code
yyww
95-98
Assembly Serial Number
serial number
ssssssss
99-125
Manufacture Specific Data
option
00
126
Intetl specification frequency
100MHz
64
127
Intel specification CAS# Latency support
128+
Unused storage locations
open
00
4D483853363444424B472D384C2020202020
32
Command and Address signal input setup time
2ns
20
20
33
Command and Address signal input hold time
1ns
10
34
Data signal input setup time
2ns
35
Data signal input hold time
1ns
10
rev 1.2A
12
Check sum for -7,7L
05
MH8S64DBKG-7
4D483853363444424B472D374C2020202020
-7,7L
CF
-8,8L
CD
MH8S64DBKG-7L
4D483853363444424B472D37202020202020


Similar Part No. - MH8S64DBKG-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64DBKG-8 MITSUBISHI-MH8S64DBKG-8 Datasheet
589Kb / 51P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DBKG-8L MITSUBISHI-MH8S64DBKG-8L Datasheet
589Kb / 51P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
More results

Similar Description - MH8S64DBKG-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64QFC-7 MITSUBISHI-MH8S64QFC-7 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BALD-7 MITSUBISHI-MH8S64BALD-7 Datasheet
587Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64FFC-10 MITSUBISHI-MH8S64FFC-10 Datasheet
576Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DBKG-6 MITSUBISHI-MH8S64DBKG-6 Datasheet
589Kb / 51P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64PHC-7 MITSUBISHI-MH8S64PHC-7 Datasheet
588Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BMG-7 MITSUBISHI-MH8S64BMG-7 Datasheet
588Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKG-7 MITSUBISHI-MH8S64BBKG-7 Datasheet
578Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DALD-6 MITSUBISHI-MH8S64DALD-6 Datasheet
699Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)Synchronous DRAM
MH8S72PHC-7 MITSUBISHI-MH8S72PHC-7 Datasheet
589Kb / 55P
   603979776-BIT (8388608 - WORD BY 72-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com