Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP6507S26RG Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPP6507S26RG
Description  Dual P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP6507S26RG Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPP6507S26RG Datasheet HTML 1Page - SYNC POWER Crop. SPP6507S26RG Datasheet HTML 2Page - SYNC POWER Crop. SPP6507S26RG Datasheet HTML 3Page - SYNC POWER Crop. SPP6507S26RG Datasheet HTML 4Page - SYNC POWER Crop. SPP6507S26RG Datasheet HTML 5Page - SYNC POWER Crop. SPP6507S26RG Datasheet HTML 6Page - SYNC POWER Crop. SPP6507S26RG Datasheet HTML 7Page - SYNC POWER Crop. SPP6507S26RG Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2006/08/10
Ver.1
Page 1
SPP6507
Dual P-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPP6507 is the Dual P-Channel enhancement mode
power field effect transistors are produced using high cell
density , DMOS trench technology. This high density
process is especially tailored to minimize on-state
resistance and provide superior switching performance.
These devices are particularly suited for low voltage
applications
such
as
notebook
computer
power
management and other battery powered circuits where
high-side switching , low in-line power loss, and
resistance to transients are needed.
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
FEATURES
PIN CONFIGURATION( SOT-23-6L )
PART MARKING
P-Channel
-30V/-2.8A,RDS(ON)=105mΩ@VGS=- 10V
-30V/-2.5A,RDS(ON)=115mΩ@VGS=-4.5V
-30V/-1.5A,RDS(ON)=150mΩ@VGS=-2.5V
-30V/-1.0A,RDS(ON)=215mΩ@VGS=-1.8V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOT-23-6L package design


Similar Part No. - SPP6507S26RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6507S26RG SYNC-POWER-SPP6507S26RG Datasheet
206Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
SPP6507S26RGB SYNC-POWER-SPP6507S26RGB Datasheet
206Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPP6507S26RGB VBSEMI-SPP6507S26RGB Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - SPP6507S26RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com