Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP6507 Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPP6507
Description  Dual P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP6507 Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPP6507 Datasheet HTML 1Page - SYNC POWER Crop. SPP6507 Datasheet HTML 2Page - SYNC POWER Crop. SPP6507 Datasheet HTML 3Page - SYNC POWER Crop. SPP6507 Datasheet HTML 4Page - SYNC POWER Crop. SPP6507 Datasheet HTML 5Page - SYNC POWER Crop. SPP6507 Datasheet HTML 6Page - SYNC POWER Crop. SPP6507 Datasheet HTML 7Page - SYNC POWER Crop. SPP6507 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2006/08/10
Ver.1
Page 3
SPP6507
Dual P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=-10uA
-30
Gate Threshold Voltage
VGS(th) VDS=VGS,ID=-250uA
-0.4
-1.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
VDS=-24V,VGS=0V
-1
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
TJ=55℃
-10
uA
On-State Drain Current
ID(on)
VDS= -5V,VGS =-4.5V
-4
A
VGS=-10V,ID=-2.8A
0.085
0.105
VGS=-4.5V,ID=-2.5A
0.100
0.115
VGS=-2.5V,ID=-1.5A
0.135
0.150
Drain-Source On-Resistance
RDS(on)
VGS=-1.8V,ID=-1.0A
0.185
0.215
Forward Transconductance
gfs
VDS=-10V,ID=-2.8A
4.0
S
Diode Forward Voltage
VSD
IS=-1.2A,VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
5.8
Gate-Source Charge
Qgs
0.8
Gate-Drain Charge
Qgd
VDS=-15V ,VGS=-4.5V
ID≡-2.0A
1.5
nC
Input Capacitance
Ciss
380
Output Capacitance
Coss
55
Reverse Transfer Capacitance
Crss
VDS=-15V ,VGS=0V
f=1MHz
40
pF
td(on)
6
Turn-On Time
tr
3.9
td(off)
40
Turn-Off Time
tf
VDD=-15V ,RL=15Ω
ID≡-1.0A ,VGEN=-10V
RG=3Ω
15
ns


Similar Part No. - SPP6507

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6507S26RG SYNC-POWER-SPP6507S26RG Datasheet
206Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
SPP6507S26RGB SYNC-POWER-SPP6507S26RGB Datasheet
206Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPP6507S26RGB VBSEMI-SPP6507S26RGB Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
logo
SYNC POWER Crop.
SPP6507 SYNC-POWER-SPP6507_08 Datasheet
206Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
More results

Similar Description - SPP6507

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com