Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPR-00010 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # EPR-00010
Description  15W, Universal Input, Single Output, Isolated Converter with TOP233Y
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-00010 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button EPR-00010 Datasheet HTML 5Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 6Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 7Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 8Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 9Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 10Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 11Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 12Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Engineering Prototype Report
EPR-00010
Page 9 of 24
Transformer Construction:
Double Primary
Layer
Start at Pin 2. Wind 40 turns of item [3] from left to right. Wind in a single layer.
Wind remaining 33 turns (73 total) in the next layer from right to left. Finish on Pin 1.
Bias Winding
Start at Pin 4. Wind 16 turns Parallel Bifilar of item [3] from left to right. Wind
uniformly, in a single layer, across entire width of bobbin. Finish on Pin 5.
Reinforced
Insulation
1 Layer of tape [5] for insulation.
+14V Winding
Start at Pin 10. Wind 13 turns Parallel Bifilar of item [4] from left to right. Wind
uniformly, in a single layer, across entire width of bobbin. Finish on Pin 9.
Outer Insulation
3 Layers of tape [5] for insulation.
Core Preparation
Wrap bottom of E core [1] with 2 layers of tape [6] as shown.
Final Assembly
Assemble and secure core halves. Impregnate uniformly [7].
Materials
Item
Description
[1]
Core: EPCOS (Siemens) E 20/10/6,B66311-G-X167, or equivalent.
Gapped ALG of 171 nH/T
.
[2]
Bobbin: EPCOS (Siemens) B66206-J1110-T1, or equivalent.
[3]
Magnet Wire: #30AWG Heavy Nyleze.
[4]
Triple Insulated Wire: # 28 AWG .
[5]
Tape: 3M 1298 Polyester Film (white) 12.2mm wide by 2.2 mils thick.
[6]
Tape: 3M 1298 Polyester Film (white) 15.7mm wide by 2.2 mils thick.
[7]
Varnish.
Core [1]
Tape [6]


Similar Part No. - EPR-00010

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-00011 POWERINT-EPR-00011 Datasheet
1Mb / 46P
   Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
EPR-00015 POWERINT-EPR-00015 Datasheet
662Kb / 24P
   3W, Universal Input, Single Output, Isolated Converter with TNY254 (EP-15)
More results

Similar Description - EPR-00010

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
15ACM GAPTEC-15ACM Datasheet
2Mb / 7P
   15W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACE GAPTEC-15ACE Datasheet
3Mb / 6P
   15W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACBEW GAPTEC-15ACBEW Datasheet
2Mb / 5P
   15W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACP GAPTEC-15ACP Datasheet
894Kb / 3P
   15W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACMEB GAPTEC-15ACMEB Datasheet
2Mb / 5P
   15W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACBE GAPTEC-15ACBE Datasheet
3Mb / 6P
   15W - Single/Dual Output AC-DC Converter - Universal Input - Isolated & Regulated
15DMWE4 GAPTEC-15DMWE4 Datasheet
2Mb / 5P
   15W - Single Output - Wide Input - Isolated & Regulated
15DMWE4-1.5 GAPTEC-15DMWE4-1.5 Datasheet
2Mb / 7P
   15W - Single Output - Wide Input - Isolated & Regulated
15DAWE GAPTEC-15DAWE Datasheet
2Mb / 5P
   15W - Single Output - Wide Input - Isolated & Regulated
15DMWE GAPTEC-15DMWE Datasheet
3Mb / 6P
   15W - Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com