Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPE0522 Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPE0522
Description  2-Line ESD Protection Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPE0522 Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPE0522 Datasheet HTML 1Page - SYNC POWER Crop. SPE0522 Datasheet HTML 2Page - SYNC POWER Crop. SPE0522 Datasheet HTML 3Page - SYNC POWER Crop. SPE0522 Datasheet HTML 4Page - SYNC POWER Crop. SPE0522 Datasheet HTML 5Page - SYNC POWER Crop. SPE0522 Datasheet HTML 6Page - SYNC POWER Crop. SPE0522 Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2006/11/06
Ver.1
Page 1
SPE0522
2-Line ESD Protection Array
DESCRIPTION
APPLICATIONS
The SPE0522 are designed by TVS bi-direction device that
is to protect sensitive electronics from damage or latch-up
due to ESD. They are designed for use in applications
where board space is at a premium. SPE0522 will protect
up to two lines, and may be used on lines where the signal
polarities swing above and below ground.
SPE0522 offer desirable characteristics for board level
protection including fast response time, low operating and
clamping voltage, and no device degradation.
SPE0522 may be used to meet the immunity requirements
of IEC 61000-4-2, level 4. The small SOT-523 package
makes them ideal for use in portable electronics such as
cell phones, PDA’s, notebook computers, and digital
cameras.
Cellular Handsets and Accessories
Cordless Phone
PDA
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
MP3 Player
FEATURES
PIN CONFIGURATION ( SOT-523 / SC-89 )
PART MARKING
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Protects two I/O lines
Working voltage: 5V
Low leakage current
Low operating and clamping voltages


Similar Part No. - SPE0522

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0522S52RG SYNC-POWER-SPE0522S52RG Datasheet
205Kb / 7P
   2-Line ESD Protection Array
SPE0522S52RGB SYNC-POWER-SPE0522S52RGB Datasheet
205Kb / 7P
   2-Line ESD Protection Array
SPE0522 SYNC-POWER-SPE0522_11 Datasheet
205Kb / 7P
   2-Line ESD Protection Array
More results

Similar Description - SPE0522

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0332 SYNC-POWER-SPE0332 Datasheet
352Kb / 7P
   2-Line ESD Protection Array
2019/06/05 Ver 1
SPE0512 SYNC-POWER-SPE0512_11 Datasheet
191Kb / 7P
   2-Line ESD Protection Array
SPE0532 SYNC-POWER-SPE0532 Datasheet
241Kb / 7P
   2-Line ESD Protection Array
SPE1212 SYNC-POWER-SPE1212 Datasheet
225Kb / 7P
   2-Line ESD Protection Array
SPE0512 SYNC-POWER-SPE0512 Datasheet
219Kb / 7P
   2-Line ESD Protection Array
SPE1212_0911 SYNC-POWER-SPE1212_0911 Datasheet
194Kb / 7P
   2-Line ESD Protection Array
SPE0522 SYNC-POWER-SPE0522_11 Datasheet
205Kb / 7P
   2-Line ESD Protection Array
SPE0532 SYNC-POWER-SPE0532_10 Datasheet
231Kb / 7P
   2-Line ESD Protection Array
logo
TECH PUBLIC Electronics...
ESDS302DBVR-TP TECHPUBLIC-ESDS302DBVR-TP Datasheet
2Mb / 4P
   2-Line ESD Protection Diode Array
logo
SYNC POWER Crop.
SPE6V8UN SYNC-POWER-SPE6V8UN_11 Datasheet
231Kb / 7P
   Ultra Low Capacitance 2 -Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com