Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPE0514S56RG Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPE0514S56RG
Description  4-Line ESD Protection Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPE0514S56RG Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPE0514S56RG Datasheet HTML 1Page - SYNC POWER Crop. SPE0514S56RG Datasheet HTML 2Page - SYNC POWER Crop. SPE0514S56RG Datasheet HTML 3Page - SYNC POWER Crop. SPE0514S56RG Datasheet HTML 4Page - SYNC POWER Crop. SPE0514S56RG Datasheet HTML 5Page - SYNC POWER Crop. SPE0514S56RG Datasheet HTML 6Page - SYNC POWER Crop. SPE0514S56RG Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2006/03/28
Ver.4
Page 1
SPE0514
4-Line ESD Protection Array
DESCRIPTION
APPLICATIONS
The SPE0514 are designed by TVS array that is to protect
sensitive electronics from damage or latch-up due to ESD.
They are designed for use in applications where board
space is at a premium. SPE0514 will protect up to four
lines, and may be used on lines where the signal polarities
swing above and below ground.
SPE0514 offer desirable characteristics for board level
protection including fast response time, low operating and
clamping voltage, and no device degradation.
SPE0514 may be used to meet the immunity requirements
of IEC 61000-4-2, level 4. The small SOT-563 package
makes them ideal for use in portable electronics such as
cell phones, PDA’s, notebook computers, and digital
cameras.
Cellular Handsets and Accessories
Cordless Phone
PDA
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
MP3 Player
FEATURES
PIN CONFIGURATION ( SOT-563 / SC-89 )
PART MARKING
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Protects four I/O lines
Working voltage: 5V
Low leakage current
Low operating and clamping voltages


Similar Part No. - SPE0514S56RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0514S56RG SYNC-POWER-SPE0514S56RG Datasheet
193Kb / 7P
   4-Line ESD Protection Array
More results

Similar Description - SPE0514S56RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0534 SYNC-POWER-SPE0534_09 Datasheet
197Kb / 7P
   4-Line ESD Protection Array
logo
Yea Shin Technology Co....
YSDAXX04T6 YEASHIN-YSDAXX04T6 Datasheet
223Kb / 3P
   4 Line ESD Protection Array
logo
SYNC POWER Crop.
SPE0504 SYNC-POWER-SPE0504 Datasheet
221Kb / 7P
   4-Line ESD Protection Array
SPE0504 SYNC-POWER-SPE0504_10 Datasheet
190Kb / 7P
   4-Line ESD Protection Array
SPE0514 SYNC-POWER-SPE0514_10 Datasheet
193Kb / 7P
   4-Line ESD Protection Array
SPE0534 SYNC-POWER-SPE0534 Datasheet
224Kb / 7P
   4-Line ESD Protection Array
logo
TECH PUBLIC Electronics...
RCLAMP3354S TECHPUBLIC-RCLAMP3354S Datasheet
1Mb / 4P
   4-Line ESD Protection Diode Array
TPNUP4060AXV6T1G TECHPUBLIC-TPNUP4060AXV6T1G Datasheet
1Mb / 4P
   4-Line ESD Protection Diode Array
ESDS304DBVR-TP TECHPUBLIC-ESDS304DBVR-TP Datasheet
2Mb / 4P
   4-Line ESD Protection Diode Array
RCLAMP3304N TECHPUBLIC-RCLAMP3304N Datasheet
2Mb / 5P
   4- Line 3.3V ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com