Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78LLBWR250KLF Datasheet(PDF) 3 Page - Bi technologies

Part # 78LLBWR250KLF
Description  1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

78LLBWR250KLF Datasheet(HTML) 3 Page - Bi technologies

  78LLBWR250KLF Datasheet HTML 1Page - Bi technologies 78LLBWR250KLF Datasheet HTML 2Page - Bi technologies 78LLBWR250KLF Datasheet HTML 3Page - Bi technologies 78LLBWR250KLF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
1-63
Model 78
(1)
(2)
(3)
.344
± .031
8.738
± 0.787
.250
± .015
6.350
± 0.381
1.344
34.138
12-28 UNF-2A Thread
Max.
0.94
2.388
Max.
Model 78SBW (Adapter Pre-Assembled with Trimmer)
.250
± .015
6.350
± 0.381
1.344
34.138
12-28 UNF-2A Thread
Max.
0.94
2.388
Max.
Model 78LBW (Adapter Pre-Assembled with Trimmer)
.125
± .005
3.175
± 0.127
Metal Bushing Mount
Brass-Nickel Plated
Use .22/5.613 Dia. Min. Mounting Hole
Lock Washer, Panel Nut, Sealing Washer
& Mounting Screws Provided
Mounting Surface
Dia. Hole
1.56
3.962
.312
± .015
7.925
± 0.381
Max.
.437
11.100
Max.
Model 56BW (Adapter Only)
PANEL MOUNT ADAPTER (Inch/mm)


Similar Part No. - 78LLBWR250KLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Guangdong Kexin Industr...
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
   Three-Terminal Voltage Regulator
logo
Guangdong Youtai Semico...
78L05 UMW-78L05 Datasheet
2Mb / 13P
   Three-terminal voltage stabilizing circuit—78L XX
logo
Nanjing International G...
78L05 DGNJDZ-78L05 Datasheet
118Kb / 2P
   3-Terminal positive voltage regulator
logo
Shenzhen Tuofeng Semico...
78L05 TUOFENG-78L05 Datasheet
960Kb / 3P
   SOT-89 Encapsulate Three Terminal Voltage Regulator
Jan,2019 V1.0
More results

Similar Description - 78LLBWR250KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
78PBWR10KLF BITECH-78PBWR10KLF_12 Datasheet
69Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF Datasheet
59Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
89PR10KLF BITECH-89PR10KLF_12 Datasheet
72Kb / 5P
   3/4 Rectangular Multiturn Cermet Trimming Potentiometer
89PR10KLF BITECH-89PR10KLF Datasheet
65Kb / 5P
   3/4 Rectangular Multiturn Cermet Trimming Potentiometer
84PR10KLF BITECH-84PR10KLF Datasheet
57Kb / 3P
   1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
84PR10KLFTR BITECH-84PR10KLFTR_12 Datasheet
63Kb / 3P
   1/4 Square Multiturn Surface Mount Cermet Trimming Potentiometer
89XR2K BITECH-89XR2K Datasheet
85Kb / 6P
   MODEL 89 3/4 Rectangular Multiturn Cermet Trimming Potentiometer
logo
DB Lectro Inc
3006P DBLECTRO-3006P Datasheet
202Kb / 1P
   4.8횞19 Rectangular/Multiturn/Trimming Potentiometer
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com