Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM1001 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SM1001
Description  CERAMIC MELF PIN DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM1001 Datasheet(HTML) 2 Page - Microsemi Corporation

  SM1001 Datasheet HTML 1Page - Microsemi Corporation SM1001 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Control Devices
Microsemi – Lowell
75 Technology Drive, Lowell, MA 01851 Tel. (978) 442-5600
CERAMIC MELF
ELECTRICAL SPECIFICATION AT 2
5°C
PART
NO.
CASE STYLE
SUGGESTED
VOLTAGE
RATING
IR < 10µa
VR
TOTAL
CAPACITANCE
F = 1 MHz
VR=50V
pF (MAX)
SERIES
RESISTANCE
If=100mA
F=100MHz
OHM (MAX)
SERIES
RESISTANCE
If=200mA
F=100MHz
OHM (TYP)
CARRIER
LIFETIME
If=10mA
µSEC (TYP)
TYPICAL
THERMAL
RESISTANCE
°C/W
SM0502
M1
500
0.50
0.70
0.55
1.0
35
SM0504
M1
500
0.60
0.60
0.45
1.5
20
SM0508
M1
500
0.90
0.40
0.25
2.0
15
SM0509
M1
500
1.20
0.35
0.20
2.5
15
SM0511
M1
500
1.25
0.30
0.15
3.0
15
SM0512
M1
500
1.50
0.25
0.12
3.5
15
SM0812
M1
700
1.30
0.40
0.25
4.0
15
SM1001
M1
700
1.30
0.35
0.20
4.5
15
SM1002
M1
50
1.20
.75 @50mA
0.20
4.0
15
SM1003
M1
35
1.2 @ 20V
.50 @ 10mA
0.10
0.6
25
ABSOLUTE MAXIMUM RATINGS AT 2
5°C
Peak Inverse Voltage (PIV):
Same as VB
Forward Current (IF):
1 AMP (
1µS Pulse)
Power Dissipation (PD):
JC
MAX
J
MAX
J
T
θ
β
)
(
=
Junction Temp. (Operating):
-5
5°C to +150°C
Storage Temp. (Non-Operating):
-5
5°C to +150°C
:
TOC
Case style M2 available as special option / some
limitations apply / consult factory for details.
M1
M2
INCHES
INCHES
DIM
MIN
MAX
MIN
MAX
A
0.080
0.095
0.100
0.120
B
0.115
0.135
0.188
0.205
C
0.008
0.030
0.008
0.030
Non-magnetic packages are available upon request.


Similar Part No. - SM1001

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
SM1001 PROMOCO-SM1001 Datasheet
708Kb / 3P
   PM Stepping Motor
More results

Similar Description - SM1001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MMP70XX-127 MA-COM-MMP70XX-127 Datasheet
682Kb / 4P
   MELF PIN Diodes
logo
Microsemi Corporation
SM0502 MICROSEMI-SM0502_09 Datasheet
166Kb / 3P
   CONTROL DEVICES Surface Mount-Melf pin diodes
logo
Tyco Electronics
MA4PH611 MACOM-MA4PH611 Datasheet
301Kb / 5P
   MELF PIN Diode
logo
M/A-COM Technology Solu...
MADP-000234-10720 MA-COM-MADP-000234-10720_15 Datasheet
75Kb / 2P
   MELF PIN Diode
MADP-000234-10720_V3 MA-COM-MADP-000234-10720_V3 Datasheet
75Kb / 2P
   MELF PIN Diode
MA4PH611 MA-COM-MA4PH611 Datasheet
301Kb / 5P
   MELF PIN Diode
MADP-000234-10720 MA-COM-MADP-000234-10720 Datasheet
75Kb / 2P
   MELF PIN Diode
logo
Jiangsu High diode Semi...
ZM47-SERIES HDSEMI-ZM47-SERIES Datasheet
1Mb / 5P
   MELF Glass-Encapsulate Diodes
logo
M/A-COM Technology Solu...
MA4P7418-1072T MA-COM-MA4P7418-1072T Datasheet
896Kb / 6P
   SMQ MELF PIN Diode
logo
Jiangsu High diode Semi...
LL60 HDSEMI-LL60 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com