Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72WFR20LFTR Datasheet(PDF) 5 Page - Bi technologies

Part # 72WFR20LFTR
Description  3/8 Square Single Turn Cermet Trimming Potentiometer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

72WFR20LFTR Datasheet(HTML) 5 Page - Bi technologies

  72WFR20LFTR Datasheet HTML 1Page - Bi technologies 72WFR20LFTR Datasheet HTML 2Page - Bi technologies 72WFR20LFTR Datasheet HTML 3Page - Bi technologies 72WFR20LFTR Datasheet HTML 4Page - Bi technologies 72WFR20LFTR Datasheet HTML 5Page - Bi technologies 72WFR20LFTR Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
1-59
Model 72
PACKAGING
Standard:
Boxes
Capacity
=
100 Units
Option:
Tubes
All units oriented with #1 pin to same side.
Pin Style
P, PM
X, XL, XW, RW
Magazine
Width
=
0.47”
0.29”
Height
=
0.54”
0.76”
Length
=
20.5”
20.1”
Capacity
=
50 Units
50 Units
Option:
Tape & Reel, Ammo Pack (Available only for 72RW only)
All units oriented with #1 pin to the right of the direction of feed.
Seat Plane to
Centerline of
Sprocket Hole
=
.71” (18.03 mm)
Tape
Width
=
18 mm
Sprocket
=
Single Hole .50” spacing
Capacity
=
1,000 Units
Reel
Diameter
=
14” (356mm)
Ammo
Tape Fold
=
12” (305mm)
Box
=
1.8” x 13” x 10” (46mm x 330mm x 254mm)


Similar Part No. - 72WFR20LFTR

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
72WFW HAMMOND-72WFW Datasheet
149Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
72WFW HAMMOND-72WFW Datasheet
101Kb / 2P
   Panneaux int챕rieurs pour armoires autoportantes
72WFWG HAMMOND-72WFWG Datasheet
149Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
72WFWG HAMMOND-72WFWG Datasheet
101Kb / 2P
   Panneaux int챕rieurs pour armoires autoportantes
More results

Similar Description - 72WFR20LFTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
91PR10KLF BITECH-91PR10KLF Datasheet
69Kb / 4P
   3/8 Diameter Single Turn Cermet Trimming Potentiometer
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
   1/4??Square Single Turn Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
68PR10KLF BITECH-68PR10KLF Datasheet
61Kb / 4P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
68WR1K ETC2-68WR1K Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com