Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2226A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ST2226A
Description  PWM-Controlled Constant Current Driver for LED Displays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ST2226A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ST2226A Datasheet HTML 7Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 8Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 9Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 10Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 11Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 12Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 13Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 14Page - List of Unclassifed Manufacturers ST2226A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST2226A
ST2226A
Version
A.010
Page
10
2) LED Emitting Time and Current
ST2226A adjusts the LED luminance using PWM (pulse width modulation) technique.
The luminance data (DV) has a resolution of 10 bits (1024steps) and can be set
independently for each LED. The relationship between Iout, luminance data, and emitting
time is shown in Figure 2.
Current
Iout
Time
DV x TGCLK
“LED Emitting” command issued
1024 x TGCLK
2 x GCLK
Figure 2. PWM Current Output
3) Phase Relationship of DCLK and GCLK
Matching ST2226A’s GCLK and DCLK is an important step in the system design. If
there is a certain length of delay between the rising edge of DCLK and of GCLK, the
command “LED Emitting“& “LED Disable” will not be correctly recognized, which will then
cause the display data loss. It is safe to keep both of GCLK and DCLK rising at the same
time, so that the frequencies of DCLK and GCLK have an integer multiple relationship.
For the design which has a fixed, corresponding clock phase relationship between
GCLK & DCLK, e.g. the display controller is built by FPGAs, this clock phase problem is
unlikely to happen. However, if it dose happen, try to control the clock phase, e.g. invert
GCLK, to solve this problem. On the contrary, for the design which can not control the
clock phase, e.g. the display controller is built by microprocessors, the following sequential
modification on “Emitting” & “Disable” commands is preferred to be employed in the
design:
1.
Gate GCLK.
2.
Issue “Emitting” or “Disable” command.
3.
Let go of GCLK.


Similar Part No. - ST2226A

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
   Maximum output current: 60 mA
More results

Similar Description - ST2226A

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM132 SITI-DM132 Datasheet
383Kb / 24P
   16-Channel PWM-Controlled Constant Current Driver for LED Displays
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
   PWM dimmable LED constant current driver
logo
MORNSUN Science& Techno...
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
logo
MORNSUN Science& Techno...
KC24AH MORNSUN-KC24AH Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
logo
New Japan Radio
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com