Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1486EMN-L Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP1486EMN-L
Description  5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1486EMN-L Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP1486EMN-L Datasheet HTML 5Page - Sipex Corporation SP1486EMN-L Datasheet HTML 6Page - Sipex Corporation SP1486EMN-L Datasheet HTML 7Page - Sipex Corporation SP1486EMN-L Datasheet HTML 8Page - Sipex Corporation SP1486EMN-L Datasheet HTML 9Page - Sipex Corporation SP1486EMN-L Datasheet HTML 10Page - Sipex Corporation SP1486EMN-L Datasheet HTML 11Page - Sipex Corporation SP1486EMN-L Datasheet HTML 12Page - Sipex Corporation SP1486EMN-L Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image

Rev J 3/8/2007
SP1486E PROFIBUS/RS485 Transceivers
© Copyright 2007 Sipex Corporation
VSKEW = tPLH - tPHL
10%
tR
-VO
VO
VDIFF
10%
tF
90%
90%
VDIFF = V(Y) - V(Z)
1/2 VO
Y
Z
DI 0
VCC/2
VCC
tPHL
tPLH
1/2 VO
VO
DI D
Y
Z
3.3V
VOD
RL
54Ω
CL
50pF
DI
D
VCC
VOD
R/2
R/2 VOC
VID
B
A
R
RE
OUT
DESCRIPTION
Driver Differential Output Test Circuit
Driver Enable and Disable Times Test Circuit and Timing Diagram
VOD
60Ω
375Ω
375Ω
VCM
D
DI= 0 or VCC
DE= 3V
A/Y
B/Z
DI D
Y
Z
S1
0 or VCC
GENERATOR
50Ω
CL=50pF
OUT
RL= 500Ω
DE
OUT
VCC /2
VCC
0
0.25V
0
tLZ
tZL, tZL(SHDN)
VOM = (VOL + VCC)/2


Similar Part No. - SP1486EMN-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP1486E EXAR-SP1486E Datasheet
953Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
SP1486E EXAR-SP1486E Datasheet
177Kb / 6P
   ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
SP1486EEN-L EXAR-SP1486EEN-L Datasheet
953Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
SP1486EEN-L/TR EXAR-SP1486EEN-L/TR Datasheet
953Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
More results

Similar Description - SP1486EMN-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP1486E EXAR-SP1486E Datasheet
953Kb / 15P
   5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 짹15kV ESD-Protected
SP3070E EXAR-SP3070E Datasheet
731Kb / 20P
   짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Linear Technology
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com