Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67WR2MEGLFTB Datasheet(PDF) 3 Page - Bi technologies

Part # 67WR2MEGLFTB
Description  3/8 Square Multiturn Cermet Trimming Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

67WR2MEGLFTB Datasheet(HTML) 3 Page - Bi technologies

  67WR2MEGLFTB Datasheet HTML 1Page - Bi technologies 67WR2MEGLFTB Datasheet HTML 2Page - Bi technologies 67WR2MEGLFTB Datasheet HTML 3Page - Bi technologies 67WR2MEGLFTB Datasheet HTML 4Page - Bi technologies 67WR2MEGLFTB Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
1-47
Model 67
Max.
Meniscus
(Typ.)
.03
0.8
.158
4.01
.203
5.156
.18
4.6
Solderable
Terminal
Pins (3)
Dia.
.021
± .003
0.53
± 0.08
Min.
Max.
Standoff,
.010
0.254
.187
± .015
4.75
± 0.38
.375
± .015
9.53
± 0.38
.062
± .015
1.58
± 0.38
(2)
(1)
(3)
.062
± .015
1.58
± 0.38
.10
2.5
.187
± .015
4.75
± 0.38
.10
2.5
.375
± .015
9.53
± 0.38
.10
2.5
Metal Adjustment Screw
Min.
Dia. With
.090
± .005
2.29
± 0.13
.020
± .005
0.51
± 0.13
.025
± .005
0.64
± 0.13
Wide x
Depth
Model 67P
SIDE ADJUSTMENT (Inch/mm)
.10
2.5
.03
± .015
0.8
± 0.38
.10
2.5
.10
2.5
.062
± .015
1.58
± 0.38
.187
± .015
4.75
± 0.38
Model 67Z
Typ.
0.05
1.25
.10
2.5
.10
2.5
.100
± .015
2.54
± 0.38
.062
± .015
1.58
± 0.38
.187
± .015
4.75
± 0.38
Model 67X
SIDE ADJUSTMENT (Inch/mm)
Schematic Diagram This Surface
0.021
±.003
0.53
±0.08
Max.
.195
4.95
.375
± .015
9.53
± 0.38
.145
3.68
Metal Adjustment Screw
Dia. With
(3) (2) (1)
.18
4.6
.015
0.38
.062
± .015
1.58
± 0.38
.090
± .005
2.29
± 0.13
.020
± .005
0.51
± 0.13
.025
± .005
0.64
± 0.13
Wide x
Depth
.410
10.4
Dia. Solderable Terminal Pins (3)
Model 67X and 67Z


Similar Part No. - 67WR2MEGLFTB

ManufacturerPart #DatasheetDescription
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results

Similar Description - 67WR2MEGLFTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
68PR10KLF BITECH-68PR10KLF Datasheet
61Kb / 4P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68WR1K ETC2-68WR1K Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF Datasheet
59Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
44GR10KLFXX BITECH-44GR10KLFXX Datasheet
58Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com