Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3653B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA3653B
Description  Vertical deflection and guard circuit 90째
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3653B Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA3653B Datasheet HTML 1Page - NXP Semiconductors TDA3653B Datasheet HTML 2Page - NXP Semiconductors TDA3653B Datasheet HTML 3Page - NXP Semiconductors TDA3653B Datasheet HTML 4Page - NXP Semiconductors TDA3653B Datasheet HTML 5Page - NXP Semiconductors TDA3653B Datasheet HTML 6Page - NXP Semiconductors TDA3653B Datasheet HTML 7Page - NXP Semiconductors TDA3653B Datasheet HTML 8Page - NXP Semiconductors TDA3653B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
March 1991
5
Philips Semiconductors
Product specification
Vertical deflection and guard circuit (90˚)
TDA3653B
TDA3653C
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134);
pins 4 and 2 externally connected to ground.
Note
1.
Non-repetitive duty factor maximum 3.3%.
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
Supply voltage (pin 9)
VP = V9-4
40
V
Supply voltage output stage (pin 6)
V6-4
60
V
Output voltage (pin 5)
V5-4
60
V
Input voltage (pins 1 and 3)
V1; 3-2
VP
V
External voltage at pin 7
V7-2
5.8
V
Peak output current (pin 5)
repetitive
± I
5RM
0.75
A
non-repetitive
± I
5SM
1.5
A(1)
Peak output current (pin 8)
repetitive
I8RM
0.85
0.75
A
non-repetitive
± I8SM
1.5
A(1)
Total power dissipation
Ptot
see Fig.2
Storage temperature range
Tstg
−55
+150
°C
Operating ambient temperature range
Tamb
see Fig.2
Operating junction temperature range
Tj
−25
+150
°C
Fig.2 Power derating curves (for SOT110B).
Fig.3 Quiescent current I4 as a function of supply
voltage VP.


Similar Part No. - TDA3653B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   VERTICAL DEFLECTION AND GUARD CIRCUIT 90째
March 1991
More results

Similar Description - TDA3653B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   VERTICAL DEFLECTION AND GUARD CIRCUIT 90째
March 1991
logo
Integral Corp.
ILA3654 INTEGRAL-ILA3654 Datasheet
173Kb / 3P
   VERTICAL DEFLECTION AND GUARD CIRCUIT
logo
KODENSHI_AUK CORP.
KKA3654 KODENSHI-KKA3654 Datasheet
192Kb / 5P
   VERTICAL DEFLECTION AND GUARD CIRCUIT (110째)
logo
NXP Semiconductors
TDA3654 PHILIPS-TDA3654 Datasheet
118Kb / 14P
   Vertical deflection and guard circuit 110째
March 1991
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA1770A STMICROELECTRONICS-TDA1770A Datasheet
592Kb / 13P
   VERTICAL DEFLECTION CIRCUIT
TDA8174A STMICROELECTRONICS-TDA8174A_03 Datasheet
119Kb / 7P
   VERTICAL DEFLECTION CIRCUIT
TDA1670A STMICROELECTRONICS-TDA1670A Datasheet
604Kb / 15P
   VERTICAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com