Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3653B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3653B
Description  Vertical deflection and guard circuit 90째
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3653B Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3653B Datasheet HTML 1Page - NXP Semiconductors TDA3653B Datasheet HTML 2Page - NXP Semiconductors TDA3653B Datasheet HTML 3Page - NXP Semiconductors TDA3653B Datasheet HTML 4Page - NXP Semiconductors TDA3653B Datasheet HTML 5Page - NXP Semiconductors TDA3653B Datasheet HTML 6Page - NXP Semiconductors TDA3653B Datasheet HTML 7Page - NXP Semiconductors TDA3653B Datasheet HTML 8Page - NXP Semiconductors TDA3653B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
March 1991
4
Philips Semiconductors
Product specification
Vertical deflection and guard circuit (90˚)
TDA3653B
TDA3653C
FUNCTIONAL DESCRIPTION
Output stage and protection circuit
Pin 5 is the output pin. The supply for the output stage is fed to pin 6 and the output stage ground is connected to pin 4.
The output transistors of the class-B output stage can each deliver 0.75 A maximum.
The maximum voltage for pin 5 and 6 is 60 V.
The output power transistors are protected such that their operation remains within the SOAR area. This is achieved by
the co-operation of the thermal protection circuit, the current-voltage detector, the short-circuit protection and the special
measures in the internal circuit layout.
Driver and switching circuit
Pin 1 is the input for the driver of the output stage. The signal at pin 1 is also applied via external resistors to pin 3 which
is the input of a switching circuit. When the flyback starts, this switching circuit rapidly turns off the lower output stage
and so limits the turn-off dissipation. It also allows a quick start of the flyback generator.
External connection of pin 1 to pin 3 allows for applications in which the pins are driven separately.
Flyback generator
During scan the capacitor connected between pins 6 and 8 is charged to a level which is dependent on the value of the
resistor at pin 8 (see Fig.1).
When the flyback starts and the voltage at the output pin (pin 5) exceeds the supply voltage, the flyback generator is
activated.
The supply voltage is then connected in series, via pin 8, with the voltage across the capacitor during the flyback period.
This implies that during scan the supply voltage can be reduced to the required scan voltage plus saturation voltage of
the output transistors.
The amplitude of the flyback voltage can be chosen by changing the value of the external resistor at pin 8.
It should be noted that the application is chosen such that the lowest voltage at pin 8 is > 2.5 V, during normal operation.
Guard circuit
When there is no deflection current and the flyback generator is not activated, the voltage at pin 8 reduces to less than
1.8 V. The guard circuit will then produce a DC voltage at pin 7, which can be used to blank the picture tube and thus
prevent screen damage.
Voltage stabilizer
The internal voltage stabilizer provides a stabilized supply of 6 V to drive the output stage, which prevents the drive
current of the output stage being affected by supply voltage variations.


Similar Part No. - TDA3653B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   VERTICAL DEFLECTION AND GUARD CIRCUIT 90째
March 1991
More results

Similar Description - TDA3653B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   VERTICAL DEFLECTION AND GUARD CIRCUIT 90째
March 1991
logo
Integral Corp.
ILA3654 INTEGRAL-ILA3654 Datasheet
173Kb / 3P
   VERTICAL DEFLECTION AND GUARD CIRCUIT
logo
KODENSHI_AUK CORP.
KKA3654 KODENSHI-KKA3654 Datasheet
192Kb / 5P
   VERTICAL DEFLECTION AND GUARD CIRCUIT (110째)
logo
NXP Semiconductors
TDA3654 PHILIPS-TDA3654 Datasheet
118Kb / 14P
   Vertical deflection and guard circuit 110째
March 1991
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA1770A STMICROELECTRONICS-TDA1770A Datasheet
592Kb / 13P
   VERTICAL DEFLECTION CIRCUIT
TDA8174A STMICROELECTRONICS-TDA8174A_03 Datasheet
119Kb / 7P
   VERTICAL DEFLECTION CIRCUIT
TDA1670A STMICROELECTRONICS-TDA1670A Datasheet
604Kb / 15P
   VERTICAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com