Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM100UM65DAG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTM100UM65DAG
Description  Single switch with Series diode MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM100UM65DAG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTM100UM65DAG Datasheet HTML 1Page - Microsemi Corporation APTM100UM65DAG Datasheet HTML 2Page - Microsemi Corporation APTM100UM65DAG Datasheet HTML 3Page - Microsemi Corporation APTM100UM65DAG Datasheet HTML 4Page - Microsemi Corporation APTM100UM65DAG Datasheet HTML 5Page - Microsemi Corporation APTM100UM65DAG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTM100UM65DAG
www.microsemi.com
5 – 6
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-50 -25
0
25 50 75 100 125 150
TJ, Junction Temperature (°C)
Breakdown Voltage vs Temperature
ON resistance vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
-50 -25
0
25 50 75 100 125 150
TJ, Junction Temperature (°C)
VGS=10V
ID=72.5A
Threshold Voltage vs Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-50 -25
0
25 50 75 100 125 150
TC, Case Temperature (°C)
Maximum Safe Operating Area
10ms
1ms
100µs
1
10
100
1000
1
10
100
1000
VDS, Drain to Source Voltage (V)
limited by RDSon
Single pulse
TJ=150°C
TC=25°C
Ciss
Crss
Coss
100
1000
10000
100000
0
102030
40
50
VDS, Drain to Source Voltage (V)
Capacitance vs Drain to Source Voltage
VDS=200V
VDS=500V
VDS=800V
0
2
4
6
8
10
12
14
0
300
600
900
1200
1500
Gate Charge (nC)
Gate Charge vs Gate to Source Voltage
ID=145A
TJ=25°C


Similar Part No. - APTM100UM65DAG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100UM65DAG MICROSEMI-APTM100UM65DAG Datasheet
257Kb / 6P
   Single switch with Series diode MOSFET Power Module
APTM100UM65DAG MICROSEMI-APTM100UM65DAG_08 Datasheet
257Kb / 6P
   Single switch with Series diode MOSFET Power Module
More results

Similar Description - APTM100UM65DAG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM100UM45D-ALN ADPOW-APTM100UM45D-ALN Datasheet
309Kb / 6P
   Single switch with Series diode MOSFET Power Module
APTM100UM65D-ALN ADPOW-APTM100UM65D-ALN Datasheet
321Kb / 6P
   Single switch with Series diode MOSFET Power Module
logo
Microsemi Corporation
APTM100UM65DAG MICROSEMI-APTM100UM65DAG_08 Datasheet
257Kb / 6P
   Single switch with Series diode MOSFET Power Module
APTM100UM45DAG MICROSEMI-APTM100UM45DAG Datasheet
246Kb / 6P
   Single switch with Series diode MOSFET Power Module
APTM120U10DAG MICROSEMI-APTM120U10DAG Datasheet
266Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM120UM70D-ALN ADPOW-APTM120UM70D-ALN Datasheet
299Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Microsemi Corporation
APTM120UM70DAG MICROSEMI-APTM120UM70DAG Datasheet
272Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM120U100D-ALN ADPOW-APTM120U100D-ALN Datasheet
311Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Microsemi Corporation
APTM120U10DAG MICROSEMI-APTM120U10DAG_08 Datasheet
222Kb / 6P
   Single switch with Series diodes MOSFET Power Module
logo
Advanced Power Technolo...
APTM120UM70F-ALN ADPOW-APTM120UM70F-ALN Datasheet
299Kb / 6P
   Single switch MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com