Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM100UM45FAG Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTM100UM45FAG
Description  Single Switch MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM100UM45FAG Datasheet(HTML) 3 Page - Microsemi Corporation

  APTM100UM45FAG Datasheet HTML 1Page - Microsemi Corporation APTM100UM45FAG Datasheet HTML 2Page - Microsemi Corporation APTM100UM45FAG Datasheet HTML 3Page - Microsemi Corporation APTM100UM45FAG Datasheet HTML 4Page - Microsemi Corporation APTM100UM45FAG Datasheet HTML 5Page - Microsemi Corporation APTM100UM45FAG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTM100UM45FAG
www.microsemi.com
3 – 6
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case Thermal Resistance
0.025 °C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To Heatsink
M6
3
5
Torque
Mounting torque
For teminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
SP6 Package outline (dimensions in mm)
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com


Similar Part No. - APTM100UM45FAG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM100UM45F-ALN ADPOW-APTM100UM45F-ALN Datasheet
309Kb / 6P
   Single Switch MOSFET Power Module
More results

Similar Description - APTM100UM45FAG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM120UM70F-ALN ADPOW-APTM120UM70F-ALN Datasheet
299Kb / 6P
   Single switch MOSFET Power Module
logo
Microsemi Corporation
APTM100UM60FAG MICROSEMI-APTM100UM60FAG Datasheet
276Kb / 6P
   Single Switch MOSFET Power Module
APTM120UM95FAG MICROSEMI-APTM120UM95FAG Datasheet
276Kb / 6P
   Single Switch MOSFET Power Module
APTM120UM70FAG MICROSEMI-APTM120UM70FAG Datasheet
275Kb / 6P
   Single switch MOSFET Power Module
APTM20UM03FAG MICROSEMI-APTM20UM03FAG Datasheet
276Kb / 6P
   Single Switch MOSFET Power Module
logo
Advanced Power Technolo...
APTM10UM02FA ADPOW-APTM10UM02FA Datasheet
295Kb / 6P
   Single Switch MOSFET Power Module
logo
Microsemi Corporation
APTM50UM09FAG MICROSEMI-APTM50UM09FAG Datasheet
275Kb / 6P
   Single Switch MOSFET Power Module
logo
Advanced Power Technolo...
APTM10UM01FA ADPOW-APTM10UM01FA Datasheet
296Kb / 6P
   Single Switch MOSFET Power Module
APTM120UM95F-ALN ADPOW-APTM120UM95F-ALN Datasheet
300Kb / 6P
   Single Switch MOSFET Power Module
APTM100UM45F-ALN ADPOW-APTM100UM45F-ALN Datasheet
309Kb / 6P
   Single Switch MOSFET Power Module
logo
Microsemi Corporation
APTM10UM01FAG MICROSEMI-APTM10UM01FAG Datasheet
272Kb / 6P
   Single Switch MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com