Part Name
         Description
APTM100H45SCTG

 Full bridge Series & SiC parallel diodes MOSFET Power Module ( 8 Page)


MICROSEMI
100% 
Zoom Out Zoom In
   
 5 page
background image
APTM100H45SCTG
www.microsemi.com
5 – 7
Typical MOSFET Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
5V
5.5V
6V
6.5V
7V
0
10
20
30
40
50
60
0
5
10
15
20
25
30
VDS, Drain to Source Voltage (V)
VGS=15&8V
Low Voltage Output Characteristics
Transfert Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
10
20
30
40
50
60
70
80
01
234
567
89 10
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
RDS(on) vs Drain Current
VGS=10V
VGS=20V
0.8
0.9
1
1.1
1.2
1.3
1.4
0
10203040
50
ID, Drain Current (A)
Normalized to
VGS=10V @ 9A
0
2
4
6
8
10
12
14
16
18
20
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APTC60HM70SCTGFull - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM75SCTGFull bridge Series & SiC parallel diodes MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC80H29SCTGFull - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50HM75STGFull bridge Series & parallel diodes MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM20HM20STGFull bridge Series & parallel diodes MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC60AM18SCGPhase leg Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC60AM35SCTGPhase leg Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC80A10SCTGPhase leg Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTC80AM75SCGPhase leg Series & SiC parallel diodes Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTM50AM24SCGPhase leg Series & SiC parallel diodes MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl