Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75176B Datasheet(PDF) 11 Page - Texas Instruments

Part # 75176B
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

75176B Datasheet(HTML) 11 Page - Texas Instruments

Back Button 75176B Datasheet HTML 7Page - Texas Instruments 75176B Datasheet HTML 8Page - Texas Instruments 75176B Datasheet HTML 9Page - Texas Instruments 75176B Datasheet HTML 10Page - Texas Instruments 75176B Datasheet HTML 11Page - Texas Instruments 75176B Datasheet HTML 12Page - Texas Instruments 75176B Datasheet HTML 13Page - Texas Instruments 75176B Datasheet HTML 14Page - Texas Instruments 75176B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SN65176B, SN75176B
DIFFERENTIAL BUS TRANSCEIVERS
SLLS101D – JULY 1985 – REVISED APRIL 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–25
Figure 11
RECEIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
0
–10
–20
–30
–40
–50
5
0
1
2
3
4
IOH – High-Level Output Current – mA
4.5
3.5
2.5
1.5
0.5
–5
–15
–35
–45
VID = 0.2 V
TA = 25°C
Figure 12
RECEIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
4
3
2
1
100
80
60
40
20
0
–20
0
120
5
TA – Free-Air Temperature – °C
–40
VCC = 5 V
VID = 200 mV
IOH = –440 µA
4.5
3.5
2.5
1.5
0.5
† Only the 0
°C to 70°C portion of the curve applies to the
SN75176B.
Figure 13
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
TA = 25°C
VCC = 5 V
0.5
0.4
0.3
0.2
0.1
25
20
15
10
5
0
30
0.6
IOL – Low-Level Output Current – mA
0
Figure 14
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
VID = –200 mV
VCC = 5 V
TA – Free-Air Temperature – °C
0.6
0
0.1
0.2
0.3
0.4
0.5
100
80
60
40
20
0
–20
120
–40
IOL = 8 mA


Similar Part No. - 75176B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7517103 ETC-7517103 Datasheet
3Mb / 4P
   OWNER’S MANUAL Decora tive Metal Wall Mount Hose Reel
2014
More results

Similar Description - 75176B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com