Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75276 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SN75276
Description  FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN75276 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SN75276 Datasheet HTML 2Page - STMicroelectronics SN75276 Datasheet HTML 3Page - STMicroelectronics SN75276 Datasheet HTML 4Page - STMicroelectronics SN75276 Datasheet HTML 5Page - STMicroelectronics SN75276 Datasheet HTML 6Page - STMicroelectronics SN75276 Datasheet HTML 7Page - STMicroelectronics SN75276 Datasheet HTML 8Page - STMicroelectronics SN75276 Datasheet HTML 9Page - STMicroelectronics SN75276 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SN75276
FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER
SLLS212B – SEPTEMBER 1995 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
SYMBOL EQUIVALENTS
DATA-SHEET PARAMETER
TIA/EIA-422-B
TIA/EIA-485-A
VO
Voa, Vob
Voa, Vob
|VOD1|
Vo
Vo
|VOD2|
Vt (RL = 100 Ω)
Vt (RL = 54 Ω)
VOD3
None
Vt (Test Termination
Measurement 2)
∆|VOD|
||Vt| – |Vt||
||Vt – |Vt||
VOC
|Vos|
|Vos|
∆|VOC|
|Vos – Vos|
|Vos – Vos|
IOS
|Isa|, |Isb|
IO
|Ixa|, |Ixb|
Iia, Iib
RECEIVER SECTION
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT +
Positive-going input threshold voltage
VO = 2.7 V,
IO = – 0.4 mA
0
V
VIT –
Negative-going input threshold voltage
VO = 0.5 V,
IO = 8 mA
– 0.3‡
V
VIK
Enable clamp voltage
II = – 18 mA
– 1.5
V
VOH
High level output voltage
VID = 0,
IOH = – 400 µA,
27
V
VOH
High-level output voltage
ID
,
See Figure 2
OH
µ ,
2.7
V
VOL
Low level output voltage
VID = – 300 mV,
IOL = 8 mA,
045
V
VOL
Low-level output voltage
ID
,
See Figure 2
OL
,
0.45
V
IOZ
High-impedance-state output current
VO = 0.4 V to 2.4 V
±20
µA
II
Line input current
Other input = 0 V,
VI = 12 V
1
mA
II
Line input current
,
See Note 5
VI = – 7 V
– 0.8
mA
IIH
High-level enable input current
VIH = 2.7 V
20
µA
IIL
Low-level enable input current
VIL = 0.4 V
– 100
µA
ri
Input resistance
VI = 12 V
12
k
IOS
Short-circuit output current
–15
–85
mA
ICC
Supply current (total package)
No load
Outputs enabled
42
55
mA
ICC
Supply current (total package)
No load
Outputs disabled
26
35
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the less positive (more negative) limit is designated minimum, is used in this data sheet for negative-going
input threshold voltage levels only.
NOTE 5: This applies for both power on and power off. Refer to TIA/EIA-485-A for exact conditions.


Similar Part No. - SN75276

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75207B TI-SN75207B Datasheet
364Kb / 12P
[Old version datasheet]   DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SN75207BD TI-SN75207BD Datasheet
364Kb / 12P
[Old version datasheet]   DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SN75207BDE4 TI-SN75207BDE4 Datasheet
364Kb / 12P
[Old version datasheet]   DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SN75207BN TI-SN75207BN Datasheet
364Kb / 12P
[Old version datasheet]   DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SN75207BNE4 TI-SN75207BNE4 Datasheet
364Kb / 12P
[Old version datasheet]   DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
More results

Similar Description - SN75276

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685IS8 LINER-LTC1685IS8 Datasheet
173Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
logo
STMicroelectronics
SPC560P44L3 STMICROELECTRONICS-SPC560P44L3 Datasheet
988Kb / 112P
   Fail safe protection
September 2013 Rev 9
logo
Linear Technology
LTC1484 LINER-LTC1484 Datasheet
274Kb / 16P
   Low Power RS485 Transceiver with Receiver Fail-Safe
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com