Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67PR1KLF Datasheet(PDF) 4 Page - Bi technologies

Part # 67PR1KLF
Description  3/8 Square Multiturn Cermet Trimming Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

67PR1KLF Datasheet(HTML) 4 Page - Bi technologies

  67PR1KLF Datasheet HTML 1Page - Bi technologies 67PR1KLF Datasheet HTML 2Page - Bi technologies 67PR1KLF Datasheet HTML 3Page - Bi technologies 67PR1KLF Datasheet HTML 4Page - Bi technologies 67PR1KLF Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model 67
1-48
PACKAGING
Standard: Boxes
Capacity
=
100 Units (67W)
=
50 Units (All other styles)
Option:
Tubes
All units oriented with #1 pin to same side.
Pin Style
P
W,Y
X,Z
Magazine
Width
=
0.57”
0.28”
0.28”
Height
=
0.66”
0.93”
0.93”
Length
=
20.9”
20.6”
24.4”
Capacity
=
50 Units
50 Units
50 Units
Option:
Tape & Reel, Ammo Pack (Available only for 67W and 67X)
All units oriented with #1 pin to the right of the direction of feed.
Seat Plane to
Centerline of
Sprocket Hole
=
.71” (18.03 mm)
Tape
Width
=
18 mm
Sprocket
=
Single Hole .50” spacing
Capacity
=
1,000 Units
Reel
Diameter
=
14” (363 mm)
Ammo
Tape Fold
=
12” (305 mm)
Box
=
1.8” x 13” x 10”
(46mm x 330mm x 254mm)


Similar Part No. - 67PR1KLF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
67PAB-XXX-K BEL-67PAB-XXX-K Datasheet
860Kb / 2P
   SealJack??Cable Applied Connectors
67PAB-XXX-K BEL-67PAB-XXX-K Datasheet
687Kb / 2P
   SealJack™ Cable Applied Connectors
67PAC-XXX-K BEL-67PAC-XXX-K Datasheet
860Kb / 2P
   SealJack??Cable Applied Connectors
67PAC-XXX-K BEL-67PAC-XXX-K Datasheet
687Kb / 2P
   SealJack™ Cable Applied Connectors
67PAD-XXX-K BEL-67PAD-XXX-K Datasheet
860Kb / 2P
   SealJack??Cable Applied Connectors
More results

Similar Description - 67PR1KLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
68PR10KLF BITECH-68PR10KLF Datasheet
61Kb / 4P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68WR1K ETC2-68WR1K Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF Datasheet
59Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
44GR10KLFXX BITECH-44GR10KLFXX Datasheet
58Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
44WR50KLF BITECH-44WR50KLF Datasheet
56Kb / 3P
   4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com